전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3397 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 2SK3397
상세설명  Relay Drive and DC-DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3397 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  2SK3397_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3397_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3397_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3397_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3397_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3397_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3397
2009-09-29
4
Vth − Tc
0
−80
0
40
80
120
160
−40
1
2
RDS (ON) − Tc
0
20
4
12
8
−40
−80
160
0
40
120
80
IDR − VDS
PD − Tc
200
50
100
150
0
0
80
40
160
120
40
0
30
20
10
0
80
120
40
10
5
20
0
15
16
100
1000
0.1
100
10000
1
10
3
4
160
200
−0.4
0
−0.8
−1.2
−1.6
1
10
1000
100
ID = 15,35A
70
Common source
VGS = 10 V
Pulse Test
−2.0
Common source
Tc
= 25°C
Pulse Test
VGS = 0, −1 V
1
10
5
3
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
Ciss
Coss
Crss
5
200
50
25
VDD = 24V
12
6
VDS
VGS
Common source
ID = 70 A
Tc
= 25°C
Pulse Test
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Total gate charge Qg (nC)
Capacitance – VDS
Drain-source voltage VDS (V)
Ambient temperature Ta (°C)
Drain-source voltage VDS (V)
Dynamic input / output
characteristics
Common source
VDS = 10 V
ID = 1mA
Pulse Test


유사한 부품 번호 - 2SK3397_09

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3397 TOSHIBA-2SK3397_06 Datasheet
214Kb / 6P
   Silicon N Channel MOS Type Relay Drive and DC-DC Converter Applications Motor Drive Applications
More results

유사한 설명 - 2SK3397_09

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3506 TOSHIBA-2SK3506_09 Datasheet
150Kb / 3P
   Relay Drive and DC-DC Converter Applications
2SK3498 TOSHIBA-2SK3498 Datasheet
115Kb / 3P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3439 TOSHIBA-2SK3439 Datasheet
319Kb / 6P
   DC-DC Converter Relay Drive and Motor Drive Applications
2SK4014 TOSHIBA-2SK4014_09 Datasheet
233Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ380F TOSHIBA-2SJ380F Datasheet
228Kb / 6P
   Relay Drive, DC-DC Converter and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_10 Datasheet
383Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
2SK3437 TOSHIBA-2SK3437_10 Datasheet
215Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SJ380 TOSHIBA-2SJ380_09 Datasheet
235Kb / 6P
   Relay Drive, DC-DC Converter and Motor Drive Applications
2SK2963 TOSHIBA-2SK2963_08 Datasheet
245Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SJ377 TOSHIBA-2SJ377_05 Datasheet
410Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com