전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3439 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 2SK3439
상세설명  DC-DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3439 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  2SK3439_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3439_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3439_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3439_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3439_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3439_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK3439
2009-09-29
5
Channel temperature (initial) Tch (°C)
EAS – Tch
rth – tw
Pulse width tw (s)
Drain-source voltage VDS (V)
Safe operating area
10
0.01
0.00001
0.1
1
3
0.0001
0.001
0.01
0.1
1
T
PDM
t
Duty
= t/T
Rth (ch-c) = 1.0°C/W
Duty
= 0.5
0.2
0.1
Single
0.05
0.02
0.01
0.3
0.03
0 V
15 V
Test circuit
Waveform
IAR
BVDSS
VDD
VDS
RG = 25 Ω
VDD = 24 V, L = 100 μH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS
1000
800
600
400
200
0
25
50
75
100
125
150
0.1
0.1
1
10
100
300
1
10
100
*: Single nonrepetitive pulse
Tc
= 25°C
Curves must be derated
linearly with increase in
temperature
ID max (continuous)
ID max (pulsed) *
100
μs *
DC operation
Tc
= 25°C
1 ms *
VDSS max
30
0.3
3


유사한 부품 번호 - 2SK3439_09

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3439 TOSHIBA-2SK3439_06 Datasheet
184Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter Applications
More results

유사한 설명 - 2SK3439_09

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com