전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3471 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 2SK3471
상세설명  Switching Regulator and DC-DC Converter Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3471 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  2SK3471 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3471 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3471 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SK3471
2010-04-13
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSV)
2SK3471
Switching Regulator and DC-DC Converter Applications
• Low drain-source ON-resistance: RDS (ON) = 10 Ω (typ.)
• High forward transfer admittance: |Yfs| = 0.4 S (typ.)
• Low leakage current: IDSS = 100 μA (max) (VDS = 500 V)
• Enhancement model: Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
500
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
500
V
Gate-source voltage
VGSS
±30
V
DC
(Note 1)
ID
0.5
Drain current
Pulse (Note 1)
IDP
1.5
A
Drain power dissipation
PD
0.5
W
Drain power dissipation
(Note 2)
PD
1.5
W
Single pulse avalanche energy
(Note 3)
EAS
14.3
mJ
Avalanche current
IAR
0.5
A
Repetitive avalanche energy (Note 4)
EAR
0.05
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and
Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to ambient
Rth (ch-a)
250
°C/W
Note 1: Ensure that the channel temperature does not exceed 150°C
Note 2: Mounted on a ceramic substrate (25.4 mm
× 25.4 mm × 0.8 mm)
Note 3: VDD = 90 V, Tch = 25°C (initial), L = 100 mH, RG = 25 Ω, IAR = 0.5 A
Note 4: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic-sensitive device. Please handle with caution.
Unit: mm
JEDEC
JEITA
SC-62
TOSHIBA
2-5K1B
Weight: 0.05 g (typ.)


유사한 부품 번호 - 2SK3471

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3471 TOSHIBA-2SK3471 Datasheet
104Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3471 TOSHIBA-2SK3471 Datasheet
154Kb / 3P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SK3471 TOSHIBA-2SK3471 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3471 TOSHIBA-2SK3471_06 Datasheet
154Kb / 3P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
More results

유사한 설명 - 2SK3471

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3398 TOSHIBA-2SK3398 Datasheet
217Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499_10 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3373 TOSHIBA-2SK3373 Datasheet
222Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3236 TOSHIBA-2SK3236_09 Datasheet
182Kb / 6P
   Switching Regulator Applications, DC-DC Converter and
2SK3444 TOSHIBA-2SK3444_09 Datasheet
200Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3302 TOSHIBA-2SK3302 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445_09 Datasheet
189Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3538 TOSHIBA-2SK3538 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3440 TOSHIBA-2SK3440_09 Datasheet
188Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com