전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC75410W 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LC75410W
상세설명  Electronic Volume Controller for Car Audio Systems
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75410W 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LC75410W Datasheet HTML 1Page - Sanyo Semicon Device LC75410W Datasheet HTML 2Page - Sanyo Semicon Device LC75410W Datasheet HTML 3Page - Sanyo Semicon Device LC75410W Datasheet HTML 4Page - Sanyo Semicon Device LC75410W Datasheet HTML 5Page - Sanyo Semicon Device LC75410W Datasheet HTML 6Page - Sanyo Semicon Device LC75410W Datasheet HTML 7Page - Sanyo Semicon Device LC75410W Datasheet HTML 8Page - Sanyo Semicon Device LC75410W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
No. 7027-2/28
LC75410E, 75410W
Package Dimensions
unit: mm
3159-QIP64E
unit: mm
3190-SQFP64
14.0
17.2
1.0
1.0
1.6
0.15
0.35
0.1
15.6
0.8
0.8
1
16
17
32
33
48
49
64
2.7
SANYO: QIP64E
[LC75410E]
1.25
0.5
1.25
0.18
12.0
1
16
17
32
33
48
49
64
10.0
0.5
0.5
0.15
SANYO: SQFP64
[LC75410W]
Pin Assignment
LC75410E
LC75410W
5
4
3
2
1
11
10
9
8
7
6
21
20
19
18
17
27
26
25
24
23
22
RFIN
RFOUT
RROUT
TIM
NC
RAVSS
MUTE
CE
DI
CL
DVSS
12
28
13 14
15 16
44
45
46
47
48
38
39
40
41
42
43
37 36 35 34 33
TEST
29
LAVSS
30
LROUT
31
LFOUT
32
60
61
62
63
64
54
55
56
57
58
59
53
52
51
50
49
LFIN
R5P
R5M
R4
R3
R2
R1
RVref
Vref
VDD
LVref
L1
L2
L3
L4
L5M
L5P


유사한 부품 번호 - LC75410W

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC75411ES SANYO-LC75411ES Datasheet
891Kb / 33P
   Electronic Volume Controller for Car Audio Systems
LC75411WS SANYO-LC75411WS Datasheet
891Kb / 33P
   Electronic Volume Controller for Car Audio Systems
LC75412E SANYO-LC75412E Datasheet
204Kb / 21P
   Electronic Volume Controller for Car Audio Systems
LC75412W SANYO-LC75412W Datasheet
204Kb / 21P
   Electronic Volume Controller for Car Audio Systems
LC75412WS SANYO-LC75412WS Datasheet
185Kb / 19P
   Electronic Volume Controller for Car Audio Systems
More results

유사한 설명 - LC75410W

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC75412WS SANYO-LC75412WS Datasheet
185Kb / 19P
   Electronic Volume Controller for Car Audio Systems
LC75411ES SANYO-LC75411ES Datasheet
891Kb / 33P
   Electronic Volume Controller for Car Audio Systems
LC75412E SANYO-LC75412E Datasheet
204Kb / 21P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
LV3311PNM SANYO-LV3311PNM Datasheet
144Kb / 20P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3313PM SANYO-LV3313PM Datasheet
143Kb / 18P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com