전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N2906A 데이터시트(PDF) 4 Page - Microsemi Corporation

부품명 2N2906A
상세설명  RADIATION HARDENED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2906A 데이터시트(HTML) 4 Page - Microsemi Corporation

  2N2906A_1 Datasheet HTML 1Page - Microsemi Corporation 2N2906A_1 Datasheet HTML 2Page - Microsemi Corporation 2N2906A_1 Datasheet HTML 3Page - Microsemi Corporation 2N2906A_1 Datasheet HTML 4Page - Microsemi Corporation 2N2906A_1 Datasheet HTML 5Page - Microsemi Corporation 2N2906A_1 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0055 Rev. 4 (100247)
Page 4 of 6
NOTES:
Dimensions
1. Dimensions are in inches.
Symbol
Inches
Millimeters
Note
2. Millimeters are given for general information only.
Min
Max
Min
Max
3. Dimension CH controls the overall package thickness. When a
BL
.215
.225
5.46
5.71
window lid is used, dimension CH must increase by a minimum of
BL2
.225
5.71
.010 inch (0.254 mm) and a maximum of .040 inch (1.020 mm).
BW
.145
.155
3.68
3.93
4. The corner shape (square, notch, radius) may vary at the
BW2
.155
3.93
manufacturer's option, from that shown on the drawing.
CH
.061
.075
1.55
1.90
3
5. Dimensions LW2 minimum and L3 minimum and the appropriate
L3
.003
.007
0.08
0.18
5
castellation length define an unobstructed three-dimensional space
LH
.029
.042
0.74
1.07
traversing all of the ceramic layers in which a castellation was
LL1
.032
.048
0.81
1.22
designed. (Castellations are required on the bottom two layers,
LL2
.072
.088
1.83
2.23
optional on the top ceramic layer.) Dimension “LW2” maximum and
LS
.045
.055
1.14
1.39
“L3” maximum define the maximum width and depth of the
LW
.022
.028
0.56
0.71
castellation at any point on its surface. Measurement of these
LW2
.006
.022
0.15
0.56
5
dimensions may be made prior to solder dipping.
6. The co-planarity deviation of all terminal contact points, as defined
by the device seating plane, shall not exceed .006 inch (0.15mm) for
Pin no.
1
2
3
4
solder dipped leadless chip carriers.
Transistor
Collector
Emitter
Base
N/C
7. In accordance with ASME Y14.5M, diameters are equivalent to
φx
symbology.
FIGURE 2. Physical dimensions, surface mount (UA version)


유사한 부품 번호 - 2N2906A_1

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N2906ACSM SEME-LAB-2N2906ACSM Datasheet
162Kb / 3P
   SILICON PLANAR EPITAXIAL PNP TRANSISTOR
2N2906ADCSM SEME-LAB-2N2906ADCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
logo
Raytheon Company
2N2906AJ.TX.V RAYTHEON-2N2906AJ.TX.V Datasheet
777Kb / 12P
   Medium Current General Purpose Amplifiers and Switches
logo
Microsemi Corporation
2N2906AL MICROSEMI-2N2906AL Datasheet
68Kb / 2P
   PNP SMALL SIGNAL SILICON TRANSISTOR
2N2906AUA MICROSEMI-2N2906AUA Datasheet
68Kb / 2P
   PNP SMALL SIGNAL SILICON TRANSISTOR
More results

유사한 설명 - 2N2906A_1

제조업체부품명데이터시트상세설명
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4_10 Datasheet
231Kb / 11P
   RADIATION HARDENED
logo
Actel Corporation
RH1280-CQ172V ACTEL-RH1280-CQ172V Datasheet
249Kb / 30P
   Radiation-Hardened FPGAs
logo
Aeroflex Circuit Techno...
UT69RH051 AEROFLEX-UT69RH051 Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
UT69RH051 ETC2-UT69RH051 Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
logo
Intersil Corporation
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
   Radiation Hardened Synchronous Counter
July 1999
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com