전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3501L 데이터시트(PDF) 1 Page - Microsemi Corporation

부품명 2N3501L
상세설명  RADIATION HARDENED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3501L 데이터시트(HTML) 1 Page - Microsemi Corporation

  2N3501L Datasheet HTML 1Page - Microsemi Corporation 2N3501L Datasheet HTML 2Page - Microsemi Corporation 2N3501L Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
RADIATION HARDENED
NPN SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/366
T4-LDS-0056 Rev. 1 (080812)
Page 1 of 3
DEVICES
LEVELS
2N3498
2N3499
2N3500
2N3501
JANSM – 3K Rads (Si)
2N3498L
2N3499L
2N3500L
2N3501L
JANSD – 10K Rads (Si)
2N3501UB
JANSP – 30K Rads (Si)
JANSL – 50K Rads (Si)
JANSR – 100K Rads (Si)
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
2N3498*
2N3499*
2N3501*
2N3501*
Unit
Collector-Emitter Voltage
VCEO
100
150
Vdc
Collector-Base Voltage
VCBO
100
150
Vdc
Emitter-Base Voltage
VEBO
6.0
6.0
Vdc
Collector Current
IC
500
300
mAdc
Total Power Dissipation
@ T
A = +25°C
@ T
C = +25°C
PT
1.0
5.0
W
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
°C
THERMAL CHARACTERISTICS
Parameters / Test Conditions
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
30
°C/W
Thermal Resistance, Junction-to-Ambient
RθJA
175
°C/W
* Electrical characteristics for “L” suffix devices are identical to the “non L”
corresponding devices.
1. Derate linearly 5.71 W/°C for T
A > 25°C
2. Derate linearly 28.6 W/°C for T
C > 25°C
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Collector-Emitter Breakdown Voltage
IC = 10mAdc
2N3498, 2N3499
2N3500, 2N3501
V(BR)CEO
100
150
Vdc
Collector-Base Cutoff Current
VCB = 50Vdc
VCB = 75Vdc
VCB = 100Vdc
VCB = 150Vdc
2N3498, 2N3499
2N3500, 2N3501
2N3498, 2N3499
2N3500, 2N3501
ICBO
50
50
10
10
ηAdc
ηAdc
μAdc
μAdc
TO-5*
2N3498L, 2N3499L
2N2500L, 2N3501L
TO-39* (TO-205AD)
2N3498, 2N3499
2N3500, 2N3501
3 PIN
2N3501UB


유사한 부품 번호 - 2N3501L

제조업체부품명데이터시트상세설명
logo
Semicoa Semiconductor
2N3501L SEMICOA-2N3501L Datasheet
32Kb / 1P
   Chip Type 2C3501 Geometry 5620 Polarity NPN
2N3501L SEMICOA-2N3501L Datasheet
45Kb / 2P
   Type 2N3501L Geometry 5620 Polarity NPN
logo
Microsemi Corporation
2N3501L MICROSEMI-2N3501L Datasheet
69Kb / 2P
   NPN SILICON TRANSISTOR
logo
Seme LAB
2N3501L SEME-LAB-2N3501L Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO5
More results

유사한 설명 - 2N3501L

제조업체부품명데이터시트상세설명
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4_10 Datasheet
231Kb / 11P
   RADIATION HARDENED
logo
Actel Corporation
RH1280-CQ172V ACTEL-RH1280-CQ172V Datasheet
249Kb / 30P
   Radiation-Hardened FPGAs
logo
Aeroflex Circuit Techno...
UT69RH051 AEROFLEX-UT69RH051 Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
UT69RH051 ETC2-UT69RH051 Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
logo
Intersil Corporation
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
   Radiation Hardened Synchronous Counter
July 1999
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com