전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC75742W 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LC75742W
상세설명  1/2 Duty VFD Driver with Key Input Function
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75742W 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LC75742W Datasheet HTML 1Page - Sanyo Semicon Device LC75742W Datasheet HTML 2Page - Sanyo Semicon Device LC75742W Datasheet HTML 3Page - Sanyo Semicon Device LC75742W Datasheet HTML 4Page - Sanyo Semicon Device LC75742W Datasheet HTML 5Page - Sanyo Semicon Device LC75742W Datasheet HTML 6Page - Sanyo Semicon Device LC75742W Datasheet HTML 7Page - Sanyo Semicon Device LC75742W Datasheet HTML 8Page - Sanyo Semicon Device LC75742W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Block Diagram
Pin Descriptions
No. 6142-5/18
LC75742E, LC75742W
Pin No.
Pin
Function
I/O
Handling when unused
3
VFL
Driver block power supply. Applications must provide a voltage in the range 8.0 to 18.0 V.
59
VDD
Logic block power supply. Applications must provide a voltage in the range 4.5 to 5.5 V.
56
VSS
Power supply ground. This pin must be connected to the system ground.
58
OSCI
I
GND
57
OSCO
O
OPEN
Reset signal input used to initialize the IC internal state. During a reset,
60
BLK
the display is turned off forcibly regardless of the internal display data.
I
GND
Also note that the internal key data is all reset to 0 and key scan operations are disabled.
However, serial data input is possible in this state.
63
CL
64
DI
I
GND
62
CE
61
DO
O
OPEN
1, 2
G1, G2
Digit outputs. The frame frequency fO is (fOSC/4096) Hz.
O
OPEN
44 to 4
S1 to S41
Segment outputs that display the display data transferred over the serial interface.
O
OPEN
Key scan outputs. Normally, when a key matrix is formed, diodes are inserted in the key
45 to 50
KS1 to KS6
scan timing lines to prevent shorts. However, since this IC uses unbalanced CMOS outputs
O
OPEN
in the output transistor circuit, the IC will not be damaged if these outputs are shorted.
51 to 55
KI1 to KI5
Key scan inputs. Pull-down resistors are built into the IC internal pin circuits.
I
GND
Serial data interface. These pins must be connected to the system microcontroller.
Note that since DO is an open-drain output, a pull-up resistor is required.
CL: Synchronization clock
DI: Transfer data
CE: Chip enable
DO: Output data
Oscillator circuit connections. An oscillator circuit is formed by connecting a resistor and a
capacitor externally to these pins.


유사한 부품 번호 - LC75742W

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC7574 SANYO-LC7574 Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC75741 SANYO-LC75741 Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC75741E SANYO-LC75741E Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC75741W SANYO-LC75741W Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC7574NE SANYO-LC7574NE Datasheet
190Kb / 10P
   1/2 Duty VFD Driver for Frequency Display
More results

유사한 설명 - LC75742W

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC75852E ONSEMI-LC75852E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
logo
Sanyo Semicon Device
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
ON Semiconductor
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
logo
Sanyo Semicon Device
LC75852E SANYO-LC75852E Datasheet
340Kb / 16P
   Asynchronous Silicon Gate 1/2 Duty LCD Driver with On-Chip Key Input Function
logo
Princeton Technology Co...
PT6552 PTC-PT6552 Datasheet
898Kb / 22P
   쩍 Duty LCD Driver with On-Chip Key Input Function
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18