전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC75864E 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LC75864E
상세설명  1/4 Duty LCD Display Drivers with Key Input Function
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75864E 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LC75864E Datasheet HTML 1Page - Sanyo Semicon Device LC75864E Datasheet HTML 2Page - Sanyo Semicon Device LC75864E Datasheet HTML 3Page - Sanyo Semicon Device LC75864E Datasheet HTML 4Page - Sanyo Semicon Device LC75864E Datasheet HTML 5Page - Sanyo Semicon Device LC75864E Datasheet HTML 6Page - Sanyo Semicon Device LC75864E Datasheet HTML 7Page - Sanyo Semicon Device LC75864E Datasheet HTML 8Page - Sanyo Semicon Device LC75864E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Allowable Operating Ranges at Ta = –40 to +85°C, VSS = 0 V
No. 6860-3/26
LC75864E, 75864W
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
VDD
4.5
6.0
V
VLCD
VLCD
VDD – 0.5
6.0
Input voltage
VLCD1
VLCD1
2/3 VLCD
VLCD
V
VLCD2
VLCD2
1/3 VLCD
VLCD
Input high level voltage
VIH1
CE, CL, DI
0.8 VDD
6.0
V
VIH2
KI1 to KI5
0.6 VDD
VLCD
Input low level voltage
VIL
CE, CL, DI, KI1 to KI5
0
0.2 VDD
V
Recommended external
ROSC
OSC
43
k
resistance
Recommended external
COSC
OSC
680
pF
capacitance
Guaranteed oscillation range
fOSC
OSC
25
50
100
kHz
Data setup time
tds
CL, DI: Figure 2
160
ns
Data hold time
tdh
CL, DI: Figure 2
160
ns
CE wait time
tcp
CE, CL: Figure 2
160
ns
CE setup time
tcs
CE, CL: Figure 2
160
ns
CE hold time
tch
CE, CL: Figure 2
160
ns
High level clock pulse width
tøH
CL: Figure 2
160
ns
Low level clock pulse width
tøL
CL: Figure 2
160
ns
Rise time
tr
CE, CL, DI: Figure 2
160
ns
Fall time
tf
CE, CL, DI: Figure 2
160
ns
DO output delay time
tdc
DO, RPU = 4.7 kΩ, CL = 10 pF*
1: Figure 2
1.5
µs
DO rise time
tdr
DO, RPU = 4.7 kΩ, CL = 10 pF*
1: Figure 2
1.5
µs
Note: *1. Since DO is an open-drain output, these times depend on the values of the pull-up resistor RPU and the load capacitance CL.


유사한 부품 번호 - LC75864E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC75863E SANYO-LC75863E Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
LC75863W SANYO-LC75863W Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
logo
ON Semiconductor
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
More results

유사한 설명 - LC75864E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75884E SANYO-LC75884E Datasheet
611Kb / 27P
   1/4 Duty LCD Display Drivers with Key Input Function
LC75804E SANYO-LC75804E Datasheet
297Kb / 37P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Princeton Technology Co...
PT16557 PTC-PT16557 Datasheet
617Kb / 8P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Sanyo Semicon Device
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75863E SANYO-LC75863E Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
LC75883E SANYO-LC75883E Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75857E SANYO-LC75857E Datasheet
428Kb / 39P
   CMOS IC 1/3, 1/4 Duty LCD Display Drivers with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com