전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC78602NE 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LC78602NE
상세설명  Compact Disc Player DSP with Built-in Microcontroller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78602NE 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LC78602NE Datasheet HTML 1Page - Sanyo Semicon Device LC78602NE Datasheet HTML 2Page - Sanyo Semicon Device LC78602NE Datasheet HTML 3Page - Sanyo Semicon Device LC78602NE Datasheet HTML 4Page - Sanyo Semicon Device LC78602NE Datasheet HTML 5Page - Sanyo Semicon Device LC78602NE Datasheet HTML 6Page - Sanyo Semicon Device LC78602NE Datasheet HTML 7Page - Sanyo Semicon Device LC78602NE Datasheet HTML 8Page - Sanyo Semicon Device LC78602NE Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Ordering number : EN6021
D1898RM (OT) No. 6021-1/11
Overview
The LC78602NE CMOS IC implements compact disc
player signal processing, servo control, LED display, key
input acquisition, and remote controller processing
without requiring control by a separate microcontroller.
The basic functions provided include demodulation of the
EFM signal from the optical pickup, deinterleaving, error
detection and correction, 8
× oversampling digital filters,
D/A converter (with built-in analog low-pass filter), LED
driver, remote controller processing, key acquisition, and
control processing. Thus this IC can provide excellent
cost/performance characteristics when implementing a
low-end CD player.
Functions
• Implements CD play/pause, disc stop, track selection,
fast forward, reverse, repeat mode playback of 1 track or
the whole disc, programmed play (setup, play, and clear)
of up to 16 tracks, and random repeat play under the
control of key input or remote controller input.
<Signal-Processing Block>
• Slices an input high-frequency signal at an accurate
level, converts the EFM signal, and generates a clock
with an average frequency of 4.3218 MHz using a PLL
circuit that performs a phase comparison with an
internal VCO.
• Accurately generates not only the reference clock but
also all necessary internal timings using an external
16.9344MHz crystal.
• Controls the disc motor speed using a frame difference
signal created based on the reproduced clock signal and
a reference clock.
• Performs detection, protection, and interpolation for the
frame synchronizing signal to assure stable data readout.
• Demodulates the EFM signal, converting it to 8-bit
symbol data.
• Separates the subcode data from the EFM signal and
outputs that data to the internal control processing block.
• After applying a CRC check to the subcode Q signal,
outputs that signal to the internal control processing
block.
• Buffers the demodulated EFM signal data in internal
RAM and compensates for ±4 frames of jitter due to
disc speed fluctuations.
• Performs unscrambling and deinterleaving by reordering
the demodulated EFM signal data to the stipulated order.
• Performs error detection and correction and flag
processing (C1: dual errors, C2: dual errors)
• The C2 flags are set based on the C1 flags and the result
of the C2 processing, and the signal is interpolated or
previous value hold is applied based on the C2 flags.
Dual interpolation is adopted in the interpolation circuit.
Previous value hold is applied if two or more
consecutive errors are indicated by the C2 flags.
• Performs track jump, focus start, disc motor start/stop,
muting on/off, track count, and other operations under
control of the internal control processing block.
• Provides digital outputs.
• Generates D/A converter input signals with continuity
improved by 8
× oversampling digital filters.
• Includes on-chip third-order noise shaper delta-sigma
D/A converters with built-in analog low-pass filter.
• Digital deemphasis circuit
• Adopts zero-cross muting.
<Display Block>
• On-chip LED drivers for 7 segment 2-digit display plus
play, program, repeat, and random indicators
<Control Processing Block>
• Key matrix circuit with 1 input and 8 outputs for an
8-key matrix
• Supports remote controller input.
LC78602NE
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Compact Disc Player DSP with
Built-in Microcontroller
CMOS IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


유사한 부품 번호 - LC78602NE

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC7860KA SANYO-LC7860KA Datasheet
1Mb / 18P
   DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
LC7860N SANYO-LC7860N Datasheet
1Mb / 18P
   DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
More results

유사한 설명 - LC78602NE

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78628E SANYO-LC78628E Datasheet
241Kb / 40P
   Compact Disc Player DSP with Built-in HDCD Decoder
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com