전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC78626E 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LC78626E
상세설명  DSP for Compact Disk Players
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78626E 데이터시트(HTML) 6 Page - Sanyo Semicon Device

Back Button LC78626E Datasheet HTML 2Page - Sanyo Semicon Device LC78626E Datasheet HTML 3Page - Sanyo Semicon Device LC78626E Datasheet HTML 4Page - Sanyo Semicon Device LC78626E Datasheet HTML 5Page - Sanyo Semicon Device LC78626E Datasheet HTML 6Page - Sanyo Semicon Device LC78626E Datasheet HTML 7Page - Sanyo Semicon Device LC78626E Datasheet HTML 8Page - Sanyo Semicon Device LC78626E Datasheet HTML 9Page - Sanyo Semicon Device LC78626E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
No. 5692-6/32
LC78626E
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
DEFI, EFMI, HFL, TES, RWC, COIN, CQCK,
FMT, MR1, RES, TESE, TESD, WOK,
Input low level current
IIL
PAUSE IN, SHOCK, TESCLK, TESA, TESB,
–5
µA
TESC, TESGB, TAI, TEST1 to TEST5, CS :
VIN = 0 V
EFMO, CLV
+, CLV, V/P, TOFF, TGL, JP+,
VOH1
JP
, PCK, FSEQ, EFLG, FSX, EMPH :
2.56
V
IOH = –1 mA
CONT2 to CONT5, SBSY, MUTEL, MUTER,
Output high level current
VOH2
C2F, WRQ, SQOUT, 16M, 4.2M, EMPP,
2.56
V
OVF, CNTOK, NGJ : IOH = –0.5 mA
VOH3
DOUT : IOH = –12 mA
2.72
V
VOH4
OE, WE, CAS, RAS, AD9 to AD0,
256
V
DRAM3 to DRAM0 : IOH = –0.5 mA
VOH5
MMC0 to MMC3 : IOH = –2 mA
2.24
V
VOL1
EFMO, CLV
+, CLV, V/P, TOFF, JP+, JP,
0.64
V
PCK, FSEQ, EFLG, FSX, EMPH : IOL = 1 mA
CONT2 to CONT5, SBSY, MUTEL, MUTER,
VOL2
C2F, WRQ, SQOUT, 16M, 4.2M, EMPP,
0.32
V
Output low level current
OVF, CNTOK, NGJ : IOL = 2 mA
VOL3
DOUT : IOL = 12 mA
0.48
V
VOL4
OE, WE, CAS, RAS, AD9 to AD0,
0.44
V
DRAM3 to DRAM0 : IOL = 0.5 mA
VOL5
MMC0 to MMC3 : IOL = 2 mA
0.96
V
PDO, CLV
+, CLV, JP+, JP,
IOFF1
CONT2 to CONT5, DRAM0 to DRAM3,
5
µA
Output off leakage current
ASRES : VOUT = VDD
PDO, CLV
+, CLV, JP+, JP,
IOFF2
CONT2 to CONT5, DRAM0 to DRAM3,
–5
µA
ASRES : VOUT = 0 V
Charge pump output current
IPDOH
PDO : RISET = 68 k
30
42
54
µA
IPDOL
PDO : RISET = 68 k
–54
–42
–30
µA
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Total harmonic distortion rate
TRD+N
LCHO, RCHO; 1 kHz: Uses the 0 dB data
0.015
0.018
%
input and the 20 kHz-LPF (in the AD725D).
LCHO, RCHO; 1 kHz: Uses the -60 dB data
Dynamic range
DR
input, the 20 kHz-LPF (in the AD725D), and
85
90
dB
the A filter.
LCHO, RCHO; 1 kHz: Uses the –0 dB data
Signal to noise ratio
S/N
input, the 20 kHz-LPF (in the AD725D), and
87
92
dB
the A filter.
Cross talk
CT
LCHO, RCHO; 1 kHz: Uses the 0 dB data
79
82
dB
input and the 20 kHz-LPF (in the AD725D).
One-bit D/A Converter Analog Characteristics at Ta = 25°C, VDD = LVDD = RVDD = 3.2 V, VSS = L/RVSS = 0 V
Analog output
Note: Measured with the normal-speed playback mode in the Sanyo one-bit D/A converter block reference digital attenuator circuit.


유사한 부품 번호 - LC78626E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC78626KE SANYO-LC78626KE Datasheet
235Kb / 33P
   CMOS LSI
More results

유사한 설명 - LC78626E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC78631E SANYO-LC78631E Datasheet
503Kb / 34P
   Compact Disk Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
LC78632RE SANYO-LC78632RE Datasheet
157Kb / 9P
   Compact Disk Player DSP
logo
Rohm
BA5947FP ROHM-BA5947FP Datasheet
224Kb / 2P
   IC for Compact Disc Players
BA5929FP ROHM-BA5929FP Datasheet
424Kb / 7P
   Power Driver For Compact Disc Players
logo
Sony Corporation
CXP1042Q SONY-CXP1042Q Datasheet
562Kb / 28P
   System Controller for Compact Disc Players
logo
Rohm
BA5947FM ROHM-BA5947FM_1 Datasheet
100Kb / 5P
   Power Driver For Compact Disc Players
BA5826FP-E2 ROHM-BA5826FP-E2 Datasheet
145Kb / 6P
   Power Driver For Compact Disc Players
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
Rohm
BA5947FP ROHM-BA5947FP_1 Datasheet
285Kb / 6P
   Power Driver For Compact Disc Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com