전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC78833 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LC78833
상세설명  Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78833 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LC78833 Datasheet HTML 3Page - Sanyo Semicon Device LC78833 Datasheet HTML 4Page - Sanyo Semicon Device LC78833 Datasheet HTML 5Page - Sanyo Semicon Device LC78833 Datasheet HTML 6Page - Sanyo Semicon Device LC78833 Datasheet HTML 7Page - Sanyo Semicon Device LC78833 Datasheet HTML 8Page - Sanyo Semicon Device LC78833 Datasheet HTML 9Page - Sanyo Semicon Device LC78833 Datasheet HTML 10Page - Sanyo Semicon Device LC78833 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
• Resistor string D/A converter
This 8-bit D/A converter uses a total of 256 (= 28) unit-resistance (R) resistors connected in series to voltage divide
the potential applied to the ends of that resistor string into 256 equal intervals. Of these resistor-divided potentials,
two adjacent potentials, V1 and V2, are selected by a switching circuit according to the value of the upper 8 bits
(D15 to D8) of the data. These two potentials are output to the PWM D/A converter. Note that these potentials are
related as follows:
V2 – V1 = (VH – VL)/256
• PWM D/A converter
This 4-bit D/A converter divides (by 16) the interval between the two potentials, V1 and V2, output by the resistor-
string D/A converter. This circuit outputs one or the other of the V1 and V2 potentials from the CH1OUT (or
CH2OUT) pin according to the value of the middle 4 bits (D7 to D4) of the data.
• Level shifting D/A converter
This 4-bit D/A converter is implemented by connecting the variable resistors VRH and VRL in series at the ends of
the resistor-string D/A converter. The values of the VRH and VRL variable resistors are modified according to the
value of the low-order 4 bits of the data as follows:
— The value of VRH + VRL is held fixed regardless of the value of the data.
— The values of VRH and VRL are changed in R/256 unit steps (where R is the value of the resistor-string D/A
converter unit resistors) over the range zero to 15·R/256.
This causes the resistor-string D/A converter V1 and V2 outputs to change in
∆V/256 steps (where ∆V = (VH –
VL)/256) over the range 0 to 15
× ∆V/256 according to the value of the lower 4 bits of the data.
— The Vref H/L and REFH/L pins
The Vref H/L pins provide the reference voltage to the resistor string, and are normally connected to AVDD and
AGND, respectively. REFH and REFL are each connected to AGND through a capacitor of about 10 µF.
The maximum output amplitude is acquired when Vref H is 5.0 V and Vref L is 0 V. The internal resistors RH
and RL cause the output range to be between 0.7 V (minimum) and 3.5 V (maximum) (2.8 Vp-p) for 0 dB.
Filter Characteristics (as calculated)
4
× oversampling
Ripple: Less than ±0.1 dB
Attenuation: –35 dB or lower
No. 5212-9/11
LC78833M, 78833V


유사한 부품 번호 - LC78833

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC7883 SANYO-LC7883 Datasheet
313Kb / 9P
   LC7883M
LC78832M SANYO-LC78832M Datasheet
177Kb / 8P
   16-Bit D/A Converter LSI with On-Chip Digital Filters
LC78834M SANYO-LC78834M Datasheet
243Kb / 13P
   Stereo 18-bit Digital Audio D/A Converter with On-Chip 4 fs Digital Filters?
LC78835 SANYO-LC78835 Datasheet
400Kb / 14P
   18 Bits Digital Filter and D/A Converter for Digital Audio
LC78835K SANYO-LC78835K Datasheet
400Kb / 14P
   18 Bits Digital Filter and D/A Converter for Digital Audio
More results

유사한 설명 - LC78833

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC78855KM SANYO-LC78855KM Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
LC78836M SANYO-LC78836M Datasheet
348Kb / 12P
   Digital Audio 16-Bit D/A Converter with On-Chip Digital Filters?
logo
NEC
UPD63210 NEC-UPD63210 Datasheet
141Kb / 18P
   16-BIT D/A CONVERTER WITH BUILT-IN DIGITAL FILTER FOR AUDIO
logo
Nippon Precision Circui...
SM5872A NPC-SM5872A Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
   16-Bit D/A Converter for Digital Audio?
LC78857V SANYO-LC78857V Datasheet
199Kb / 11P
   Digital Audio D/A Converter IC with On-Chip Digital Filters
LC78832M SANYO-LC78832M Datasheet
177Kb / 8P
   16-Bit D/A Converter LSI with On-Chip Digital Filters
LC78816MB SANYO-LC78816MB Datasheet
276Kb / 11P
   16-Bit D/A Converter for Use in Digital Audio Products
logo
Cirrus Logic
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
   16-Bit Stereo A/D Converter for Digital Audio
logo
Sanyo Semicon Device
LC78834M SANYO-LC78834M Datasheet
243Kb / 13P
   Stereo 18-bit Digital Audio D/A Converter with On-Chip 4 fs Digital Filters?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com