전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC863420A 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LC863420A
상세설명  8-Bit Single-Chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863420A 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LC863420A Datasheet HTML 1Page - Sanyo Semicon Device LC863420A Datasheet HTML 2Page - Sanyo Semicon Device LC863420A Datasheet HTML 3Page - Sanyo Semicon Device LC863420A Datasheet HTML 4Page - Sanyo Semicon Device LC863420A Datasheet HTML 5Page - Sanyo Semicon Device LC863420A Datasheet HTML 6Page - Sanyo Semicon Device LC863420A Datasheet HTML 7Page - Sanyo Semicon Device LC863420A Datasheet HTML 8Page - Sanyo Semicon Device LC863420A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
D2700 RM (IM) Shindo No.6846-1/19
Ver.1.01
00000
Preliminary
Overview
The LC863432/28/24/20/16A are 8-bit single chip microcontrollers with the following on-chip functional blocks:
- CPU : Operable at a minimum bus cycle time of 0.424µs
- On-chip ROM capacity
Program ROM : 32K/28K/24K/20K/16K bytes
CGROM : 16K bytes
- On-chip RAM capacity : 512 bytes
- OSD RAM : 352
× 9 bits
- Closed-Caption TV controller and the on-screen display controller
- Closed-Caption data slicer
- Four channels
× 6-bit AD Converter
- Three channels
× 7-bit PWM
- 16-bit timer/counter, 14-bit base timer
- IIC-bus compliant serial interface circuit (Multi-master type)
- ROM correction function
- 11-source 8-vectored interrupt system
- Integrated system clock generator and display clock generator
Only one X’tal oscillator (32.768kHz) for PLL reference is used for both generators
TV control and the Closed Caption function
All of the above functions are fabricated on a single chip.
Note : This product includes the IIC bus interface circuit.
If you intend to use the IIC bus interface, please
notify us of this in advance of our receiving your program ROM code order.
Purchase of SANYO IIC components conveys a license under the Philips IIC Patents Rights to use these
components in an IIC system, provided that the system conforms to the IIC Standard Specification as
defined by Philips.
Trademarks
IIC is a trademark of Philips Corporation.
8-Bit Single-Chip Microcontroller
LC863432A/28A/24A/20A/16A
Ordering number : ENN*6846
CMOS IC


유사한 부품 번호 - LC863420A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC863420B SANYO-LC863420B Datasheet
528Kb / 17P
   8-bit 1-chip Microcontroller
LC863420C SANYO-LC863420C Datasheet
126Kb / 18P
   8-bit 1-chip Microcontroller
More results

유사한 설명 - LC863420A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com