전자부품 데이터시트 검색엔진 |
|
LC863340A 데이터시트(PDF) 4 Page - Sanyo Semicon Device |
|
LC863340A 데이터시트(HTML) 4 Page - Sanyo Semicon Device |
4 / 20 page LC863364/56/48/40A No.6696-4/20 - Interrupt priority control Three interrupt priorities are supported (low, high and highest) and multi-level nesting is possible. Low or high priority can be assigned to the interrupts from 3 to 9 listed above. For the external interrupt INT0 and INT1, high or highest priority can be set. (14) Sub-routine stack level - A maximum of 128 levels (stack is built in the internal RAM) (15) Multiplication/division instruction - 16 bits × 8 bits (7 instruction cycle times) - 16 bits / 8 bits (7 instruction cycle times) (16) 3 oscillation circuits - Built-in RC oscillation circuit used for the system clock - Built-in VCO circuit used for the system clock and OSD - X’tal oscillation circuit used for base timer, system clock and PLL reference (17) Standby function - HALT mode The HALT mode is used to reduce the power dissipation. In this operation mode, the program execution is stopped. This mode can be released by the interrupt request or the system reset. - HOLD mode The HOLD mode is used to stop the oscillations; RC (internal), VCO, and X’tal oscillations. This mode can be released by the following conditions. • Pull the reset terminal ( RES ) to low level. • Feed the selected level to either P70/INT0 or P71/INT1. • Input the interrupt condition to Port 0. (18) Package - DIP42S - QIP48E (19) Development tools - Flash EEPROM: 2 Flash microcontrollers are available:LC86F3364A,LC86F3348A. Flash version is different on which microcontroller is used. LC86F3364A (LC863364A / LC863356A) (under development) LC86F3348A (LC863348A / LC863340A) - Evaluation chip: LC863096 - Emulator: EVA86000 (main) + ECB863200 (evaluation chip board) + POD863300 (pod: DIP42S) or POD863301 (QIP48E) |
유사한 부품 번호 - LC863340A |
|
유사한 설명 - LC863340A |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |