전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC1G04 데이터시트(PDF) 7 Page - Diodes Incorporated

부품명 74AHC1G04
상세설명  SINGLE INVERTER GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC1G04 데이터시트(HTML) 7 Page - Diodes Incorporated

  74AHC1G04_11 Datasheet HTML 1Page - Diodes Incorporated 74AHC1G04_11 Datasheet HTML 2Page - Diodes Incorporated 74AHC1G04_11 Datasheet HTML 3Page - Diodes Incorporated 74AHC1G04_11 Datasheet HTML 4Page - Diodes Incorporated 74AHC1G04_11 Datasheet HTML 5Page - Diodes Incorporated 74AHC1G04_11 Datasheet HTML 6Page - Diodes Incorporated 74AHC1G04_11 Datasheet HTML 7Page - Diodes Incorporated 74AHC1G04_11 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
74AHC1G04
SINGLE INVERTER GATE
74AHC1G04
Document number: DS35171 Rev. 1 - 2
7 of 8
www.diodes.com
March 2011
© Diodes Incorporated
Package Outline Dimensions (All Dimensions in mm)
(1) Package Type: SOT25
(2) Package Type: SOT353
SOT25
Dim
Min
Max
Typ
A
0.35
0.50 0.38
B
1.50
1.70 1.60
C
2.70
3.00 2.80
D
0.95
H
2.90
3.10 3.00
J
0.013 0.10 0.05
K
1.00
1.30 1.10
L
0.35
0.55 0.40
M
0.10
0.20 0.15
N
0.70
0.80 0.75
α
All Dimensions in mm
SOT353
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Typ
F
0.40
0.45
H
1.80
2.20
J
0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.22
α
All Dimensions in mm
A
M
J
L
D
B C
H
K
N
A
M
J
L
D
B C
H
K
F


유사한 부품 번호 - 74AHC1G04_11

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AHC1G04-Q100 NEXPERIA-74AHC1G04-Q100 Datasheet
201Kb / 11P
   The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V
74AHC1G04GM NEXPERIA-74AHC1G04GM Datasheet
222Kb / 12P
   Inverter
Rev. 11 - 11 January 2022
logo
NXP Semiconductors
74AHC1G04GV PHILIPS-74AHC1G04GV Datasheet
76Kb / 16P
   Inverter
2003 Sep 04
logo
Nexperia B.V. All right...
74AHC1G04GV NEXPERIA-74AHC1G04GV Datasheet
222Kb / 12P
   Inverter
Rev. 11 - 11 January 2022
74AHC1G04GV-Q100 NEXPERIA-74AHC1G04GV-Q100 Datasheet
201Kb / 11P
   The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V
More results

유사한 설명 - 74AHC1G04_11

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1GU04 TI-SN74AUC1GU04_10 Datasheet
445Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com