전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC1G08SE-7 데이터시트(PDF) 4 Page - Diodes Incorporated

부품명 74AHC1G08SE-7
상세설명  SINGLE 2 INPUT POSITIVE AND GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC1G08SE-7 데이터시트(HTML) 4 Page - Diodes Incorporated

  74AHC1G08SE-7 Datasheet HTML 1Page - Diodes Incorporated 74AHC1G08SE-7 Datasheet HTML 2Page - Diodes Incorporated 74AHC1G08SE-7 Datasheet HTML 3Page - Diodes Incorporated 74AHC1G08SE-7 Datasheet HTML 4Page - Diodes Incorporated 74AHC1G08SE-7 Datasheet HTML 5Page - Diodes Incorporated 74AHC1G08SE-7 Datasheet HTML 6Page - Diodes Incorporated 74AHC1G08SE-7 Datasheet HTML 7Page - Diodes Incorporated 74AHC1G08SE-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74AHC1G08
SINGLE 2 INPUT POSITIVE AND GATE
74AHC1G08
Document number: DS35172 Rev. 1 - 2
4 of 8
www.diodes.com
March 2011
© Diodes Incorporated
Electrical Characteristics
Symbol
Parameter
Test Conditions
VCC
25ºC
-40ºC to 85ºC
-40ºC to 125ºC
Unit
Min
Typ.
Max
Min
Max
Min
Max
VOH
High Level
Output Voltage
IOH = -50μA
2V
1.9
2
1.9
1.9
V
3V
2.9
3
2.9
2.9
4.5V
4.4
4.5
4.4
4.4
IOH = -4mA
3V
2.58
2.48
2.40
IOH = -8mA
4.5V
3.94
3.8
3.70
VOL
High-level Input
Voltage
IOL = 50μA
2V
0.1
0.1
0.1
V
3V
0.1
0.1
0.1
4.5V
0.1
0.1
0.1
IOL = 4mA
3V
0.36
0.44
0.55
IOL = 8mA
4.5V
0.36
0.44
0.55
II
Input Current
VI = 5.5 V or GND
0 to 5.5V
± 0.1
± 1
± 2
μA
ICC
Supply Current
VI = 5.5V or GND
IO=0
5.5V
1
10
40
μA
CI
Input
Capacitance
VI = VCC – or GND
5.5V
2.0
10
10
10
pF
θJA
Thermal
Resistance
Junction-to-
Ambient
SOT25
(Note 4)
195
oC/W
SOT353
430
θJC
Thermal
Resistance
Junction-to-
Case
SOT25
(Note 4)
58
oC/W
SOT353
155
Note:
4. Test conditions for SOT25, and SOT353: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout
Switching Characteristics
VCC = 3.3V ± 0.3 (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
25ºC
-40ºC to 85ºC
-40ºC to 125ºC
Unit
Min
Typ.
Max
Min
Max
Min
Max
tpd
A or B
Y
CL=15pF
0.6
4.6
8.8
0.6
10.5
0.6
12.0
ns
CL=50pF
0.6
6.5
12.3
0.6
14.0
0.6
16.0
ns
VCC = 5V ± 0.5V (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
25ºC
-40ºC to 85ºC
-40ºC to 125ºC
Unit
Min
Typ.
Max
Min
Max
Min
Max
tpd
A or B
Y
CL=15pF
0.6
3.2
5.9
0.6
7.0
0.6
8.0
ns
CL=50pF
0.6
4.6
7.9
0.6
9.0
0.6
10.5
ns


유사한 부품 번호 - 74AHC1G08SE-7

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC1G08 PHILIPS-74AHC1G08 Datasheet
80Kb / 12P
   2-input AND gate
1999 Jan 27
74AHC1G08 PHILIPS-74AHC1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
74AHC1G08 NXP-74AHC1G08 Datasheet
77Kb / 11P
   2-input AND gate
Rev. 06-29 June 2007
logo
Nexperia B.V. All right...
74AHC1G08 NEXPERIA-74AHC1G08 Datasheet
210Kb / 11P
   2-input AND gate
Rev. 8 - 11 January 2022
74AHC1G08-Q100 NEXPERIA-74AHC1G08-Q100 Datasheet
682Kb / 12P
   2-input AND gate
More results

유사한 설명 - 74AHC1G08SE-7

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
[Old version datasheet]   single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08-Q1 TI-SN74AHC1G08-Q1 Datasheet
276Kb / 8P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_2 Datasheet
572Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74AHCT1G08 DIODES-74AHCT1G08 Datasheet
179Kb / 8P
   SINGLE 2 INPUT POSITIVE AND GATE
74LVCE1G08W5-7 DIODES-74LVCE1G08W5-7 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com