전자부품 데이터시트 검색엔진 |
|
SL4-3P5-50 데이터시트(PDF) 1 Page - Rhombus Industries Inc. |
|
SL4-3P5-50 데이터시트(HTML) 1 Page - Rhombus Industries Inc. |
|
1 / 1 page Rhombus Transformers & Magnetic Products Industries Inc. 15801 Chemical Lane, Huntington Beach, CA 92649-1595 Phone: (714) 898-0960 • FAX: (714) 896-0971 NAME: SHEET: DATE: RHOMBUS P/N: CUST P/N: www.rhombus-ind.com 1 OF 1 01/09/98 SL4 Series Single-In-Line Passive Single Output 50 Ω Impedance Delays TEST CONDITIONS (Measurements made at 25OC) Input Rise Time ............................................................... 2.0 ns max. Input Pulse Period .................................................................. 500 ns Input Pulse Width .................................................................. 1000 ns OPERATING SPECIFICATIONS Pulse Overshoot (Pos) .......................................... 5% to 10%, typical Pulse Distortion (S) ........................................................... 3% typical Attenuation ............................................................. 0.5 dB maximum Working Voltage ................................................... 25 VDC maximum Dielectric Strength ................................................ 100VDC minimum Insulation Resistance ..................... 1,000 Megohms min. @ 100VDC Temperature Coefficient ....................................... 70 ppm/OC, typical Band Width (f C) ............................................................ .35/tr approx. Operating Temperature Range ................................... -55O to +125OC Storage Temperature Range ................................... -65O to +150OC ENVIRONMENTAL All units are designed to meet the applicable portions of MIL-D-23859, MIL-D-83531 and are capable of meeting the environmental require- ments of MIL-STD-202 for moisture resistance, vibration shock, humidity and life. Physical Dimensions inches (mm) SL4 Schematic Diagram Electrical Specifications at 25OC 1, 2, 3 . .010 (0.25) TYP. .200 (5.08) MAX. .275 (6.99) MAX. .800 (20.32) MAX. .120 (3.05) MIN. .030 (0.76) TYP. .100 (2.54) .020 (0.51) TYP. TYP. .400 (10.16) 1. Delays measured at 50% Level on the Leading Edge 2. Impedance, Z 0 , 50 Ohms + 10 % 3. Output terminated to ground through R L = Z0 1 COM 2 6 100% 7 IN COM Delay (ns) Rise Time 10% - 90% max. (ns) DCR max. (Ohms) 7-Pin SIP Style Single 55 Ohm P/N 1.0 ± 0.2 1.0 0.3 SL 4 - 1 - 50 1.5 ± 0.3 1.0 0.3 SL 4 - 1P5 - 50 2.0 ± 0.5 1.0 0.3 SL 4 - 2 - 50 2.5 ± 0.6 1.0 0.4 SL 4 - 2P5 - 50 3.0 ± 0.6 1.0 0.4 SL 4 - 3 - 50 3.5 ± 0.7 1.0 0.5 SL 4 - 3P5 - 50 4.0 ± 0.8 1.0 0.5 SL 4 - 4 - 50 4.5 ± 0.8 1.0 0.6 SL 4 - 4P5 - 50 5.0 ± 1.0 1.0 0.7 SL 4 - 5 - 50 6.0 ± 1.0 1.5 0.8 SL 4 - 6 - 50 7.0 ± 1.0 1.6 0.8 SL 4 - 7 - 50 7.5 ± 1.0 1.7 0.9 SL 4 - 7P5 - 50 8.0 ± 1.0 1.8 0.9 SL 4 - 8 - 50 9.0 ± 1.0 1.9 0.9 SL 4 - 9 - 50 10 ± 1.0 2.0 1.0 SL 4 - 10 - 50 11 ± 1.0 2.2 1.1 SL 4 - 11 - 50 12 ± 1.0 2.4 1.2 SL 4 - 12 - 50 13 ± 1.0 2.8 1.3 SL 4 - 13 - 50 14 ± 1.0 3.0 1.5 SL 4 - 14 - 50 15 ± 1.0 3.0 1.6 SL 4 - 15 - 50 16 ± 1.0 3.3 1.6 SL 4 - 16 - 50 20 ± 1.0 4.0 1.7 SL 4 - 20 - 50 25 ± 1.3 5.0 1.7 SL 4 - 25 - 50 30 ± 1.5 9.0 1.7 SL 4 - 30 - 50 35 ± 1.8 10.5 1.8 SL 4 - 35 - 50 40 ± 2.0 12.5 1.8 SL 4 - 40 - 50 50 ± 2.5 15.0 1.8 SL 4 - 50 - 50 50 Ohm SL4 Series |
유사한 부품 번호 - SL4-3P5-50 |
|
유사한 설명 - SL4-3P5-50 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |