전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC866436 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LC866436
상세설명  8-Bit Single Chip Microcontroller with the UVEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866436 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LC866436 Datasheet HTML 1Page - Sanyo Semicon Device LC866436 Datasheet HTML 2Page - Sanyo Semicon Device LC866436 Datasheet HTML 3Page - Sanyo Semicon Device LC866436 Datasheet HTML 4Page - Sanyo Semicon Device LC866436 Datasheet HTML 5Page - Sanyo Semicon Device LC866436 Datasheet HTML 6Page - Sanyo Semicon Device LC866436 Datasheet HTML 7Page - Sanyo Semicon Device LC866436 Datasheet HTML 8Page - Sanyo Semicon Device LC866436 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LC86E6449
No.6746-2/22
(4) Operating supply voltage
: 4.5V to 6.0V
(5) Instruction cycle time
: 1.0
µs to 366µs
(6) Operating temperature
: +10
°C to +40°C
(7) The pin compatible with the LC866400 series mask ROM devices
(8) Applicable mask ROM version
: LC866448/LC866444/LC866440/LC866436//LC866432/LC866428
/LC866424/LC866420/LC866416/LC866412/LC866408
(9) Operating temperature
: QFC80E (with window)
Notice for use
LC86E6449 is provided for the first release and small shipping of the LC866400 series.
At using, take notice of the followings.
(1) A point of difference LC86E6449 and LC866400 series
Item
LC86E6449
LC866448/44/40/36/32/28/24/20/16/12/08
Operation after reset
releasing
The option is specified until 3ms after
going to a ‘H’ level to the reset terminal
by dgrees.
The program is executed
from 00H of the program counter.
The program is executed from 00H of the
program counter immediately after going to
a ‘H’ level to reset terminal.
Pull-down resistor of
the following pins
•S0/T0 – S6/T6
•S7/T7 – S15/T15
•S16 – S27
•S28 – S37
Pull-down resistor
provided/not provided
Not provided
Provided (fixed)
Provided (fixed)
Not provided
Pull-down resistor
provided/not provided
Specified by the option
Provided (fixed)
Specified by the option
Specified by the option
Operating supply
Voltage range (VDD)
4.5V to 6.0V
2.5V to 6.0V
Operating temperature
range (Topg)
+10
°C to +40°C
-30
°C to +70°C
“L” level hold Tr. of the
high voltage withstand input
terminal
Power dissipation
Refer to ‘electrical characteristics’ on the semiconductor news.
LC86E6449 uses 256 bytes that is addressed on FF00H to FFFFH in the program memory as the option configuration data
area.
This option configuration cannot execute all options which LC866400 series have.
Next tables show the options
that correspond and not correspond to LC86E6449.


유사한 부품 번호 - LC866436

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC866436 SANYO-LC866436 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC866436B SANYO-LC866436B Datasheet
660Kb / 21P
   8-Bit Single Chip Microcontroller
More results

유사한 설명 - LC866436

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com