전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC872H06A 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LC872H06A
상세설명  CMOS IC 8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC872H06A 데이터시트(HTML) 6 Page - Sanyo Semicon Device

Back Button LC872H06A Datasheet HTML 2Page - Sanyo Semicon Device LC872H06A Datasheet HTML 3Page - Sanyo Semicon Device LC872H06A Datasheet HTML 4Page - Sanyo Semicon Device LC872H06A Datasheet HTML 5Page - Sanyo Semicon Device LC872H06A Datasheet HTML 6Page - Sanyo Semicon Device LC872H06A Datasheet HTML 7Page - Sanyo Semicon Device LC872H06A Datasheet HTML 8Page - Sanyo Semicon Device LC872H06A Datasheet HTML 9Page - Sanyo Semicon Device LC872H06A Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LC872H08A/06A/04A
No.A1540-6/28
Pin Assignment
SANYO: QFP36 (7
×7) “Lead-free Type”
QFP36
NAME
QFP36
NAME
1
P73/INT3/T0IN
19
P21/URX/INT4/T1IN
2
RES
20
P30/PWM4/INT5/T1IN
3
I.C.
21
P31/PWM5/INT5/T1IN
4
VSS1
22
N.C.
5
CF1/XT1
23
VSS2
6
CF2/XT2
24
P00/AN0
7
VDD1
25
P01/AN1
8
P10/SO0
26
P02/AN2
9
P11/SI0/SB0
27
P03/AN3
10
P12/SCK0
28
P04/AN4
11
P13/SO1
29
P05/AN5/CKO
12
P14/SI1/SB1
30
P06/AN6/T6O
13
P15/SCK1
31
P07/T7O
14
N.C.
32
N.C.
15
N.C.
33
N.C.
16
P16/T1PWML
34
P70/INT0/T0LCP/AN8
17
P17/T1PWMH/BUZ
35
P71/INT1/T0HCP/AN9
18
P20/UTX/INT4/T1IN
36
P72/INT2/T0IN
Note I.C. and N.C. pins must be held open (disconnected).
P04/AN4
P05/AN5/CKO
P06/AN6/T6O
P07/T7O
N.C.
N.C.
P70/INT0/T0LCP/AN8
P71/INT1/T0HCP/AN9
P72/INT2/T0IN
18
17
16
15
14
13
12
11
10
P20/UTX/INT4/T1IN
P17/T1PWMH/BUZ
P16/T1PWML
N.C.
N.C.
P15/SCK1
P14/SI1/SB1
P13/SO1
P12/SCK0
28
29
30
31
32
33
34
35
36
LC872H08A
LC872H06A
LC872H04A
Top view


유사한 부품 번호 - LC872H06A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC872G04A SANYO-LC872G04A Datasheet
174Kb / 27P
   8-bit 1-chip Microcontroller
LC872G04A SANYO-LC872G04A Datasheet
174Kb / 27P
   8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC872G06A SANYO-LC872G06A Datasheet
174Kb / 27P
   8-bit 1-chip Microcontroller
LC872G06A SANYO-LC872G06A Datasheet
174Kb / 27P
   8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC872G08A SANYO-LC872G08A Datasheet
174Kb / 27P
   8-bit 1-chip Microcontroller
More results

유사한 설명 - LC872H06A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC872G08A SANYO-LC872G08A_10 Datasheet
174Kb / 27P
   8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F2G08A SANYO-LC87F2G08A Datasheet
189Kb / 27P
   CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F2H08A SANYO-LC87F2H08A Datasheet
190Kb / 27P
   CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87FBK08A SANYO-LC87FBK08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87FBL08A SANYO-LC87FBL08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC876D08A SANYO-LC876D08A Datasheet
141Kb / 19P
   CMOS IC ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com