전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FW282 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 FW282
상세설명  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW282 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  FW282 Datasheet HTML 1Page - Sanyo Semicon Device FW282 Datasheet HTML 2Page - Sanyo Semicon Device FW282 Datasheet HTML 3Page - Sanyo Semicon Device FW282 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FW282
No. A1549-3/4
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
RDS(on) -- VGS
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VDS
IS -- VSD
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
| yfs | -- I
D
SW Time -- ID
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Ciss, Coss, Crss -- VDS
0
0.2
0.4
0.6
1.2
1.0
0.8
0.001
0.01
7
5
3
2
0.1
7
5
3
2
2
1.0
7
5
3
2
10
7
5
3
--60 --40 --20
0
20
40
60
80
100 120 140 160
0
50
30
90
100
70
10
40
20
80
60
VGS
=4.0V
, ID
=3A
VGS
=10.0V
, ID=6A
VGS
=4.5V
, ID
=3A
IT14973
0
2
4
1
3
5
6
0
0
IT14971
IT14972
0.1
0.4
0.2
0.6
0.5
0.3
0.8
0.7
0.9
1.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1
4
2
5
3
6
VDS=10V
VGS
=3.0V
3.5V
Ta=25
°C
IT14974
IT14975
IT14976
Ta=
--25
°C
75
°C
25
°C
VDS=10V
VGS=0V
10
100
7
5
3
2
7
5
3
2
0.1
2
1.0
35
7
IT14977
VDD=20V
VGS=10V
td(off)
tr
tf
10
23
5
7
td(on)
ID=3A
6A
0
2
10
12
8
6
414
16
0
10
20
40
80
60
30
50
90
70
100
0.01
2
2
1.0
0.1
7
5
3
2
7
5
3
7
5
3
0.01
0.1
2
0.001
57
23
1.0
2
57
3
10
57
3
25 7
3
Ta=25
°C
035
30
10
15
20
25
5
100
10
2
IT14978
1000
3
2
3
5
7
5
7
Ciss
Crss
Coss
f=1MHz


유사한 부품 번호 - FW282

제조업체부품명데이터시트상세설명
logo
Switchcraft, Inc.
FW2 SWITCH-FW2 Datasheet
875Kb / 4P
   EH Series Audio/Video/Data CONNECTORS
logo
List of Unclassifed Man...
FW2014-050E ETC-FW2014-050E Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
FW2014-060E ETC-FW2014-060E Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
FW2014-090E ETC-FW2014-090E Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
FW2014-120E ETC-FW2014-120E Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
More results

유사한 설명 - FW282

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com