전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC74950BG 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LC74950BG
상세설명  CMOS IC Silicon gate 40/30MSPS Analog Display I/F LSI
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74950BG 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LC74950BG Datasheet HTML 5Page - Sanyo Semicon Device LC74950BG Datasheet HTML 6Page - Sanyo Semicon Device LC74950BG Datasheet HTML 7Page - Sanyo Semicon Device LC74950BG Datasheet HTML 8Page - Sanyo Semicon Device LC74950BG Datasheet HTML 9Page - Sanyo Semicon Device LC74950BG Datasheet HTML 10Page - Sanyo Semicon Device LC74950BG Datasheet HTML 11Page - Sanyo Semicon Device LC74950BG Datasheet HTML 12Page - Sanyo Semicon Device LC74950BG Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
LC74950BG
No.A1647-9/37
Pin Connection
1) ADC and its peripherals
2) PLL and its pereipherals
3) Output pin (recommended)
4) Power supplies
The analog A** and digital D** power supplies must be supplied separately without fail. In addition, the power
supply for the PLL circuit must also be provided separately as it will affect the jitter characteristics of the PLL circuit.
For ADC power supply, it is desirable to provide separate power for eachof the ADC channel.
AVDD33_PLL
: Must be separated by L components, etc.
ADC2AVDD33A : Separating by L components, etc. recommended
ADC1AVDD33A : Separating by L components, etc. recommended
ADC0AVDD33A : Separating by L components, etc. recommended
5) Unused pin treatment
YGIN0, 1/CBIN0, 1/CRIN0, 1: Open
PDWN: Pull up
CHRGPMP: Open (when PLL is not in use)
***OUT* (e.g., YGOUT0): Open
HSIN/VSIN: Must always be configured for input.
RESET: Must always be configured for input.
COAST: Must be connected to DVSS.
TEST, SCANEN, SCANMOD: DVSS
CLKIN: DVSS
HSOUT, VSOUT, DEOUT: Open
SVO, ATB: Open
* The specified voltage of power must be applied to each of the power supply pin even if it is not to be used
(PLL is not to be used, for example).
10
μF
10
μF
0.1
μF
0.1
μF
0.1
μF
VRTx
VRBx
VRTx: VRT0, VRT1, VRT2
VRBx: VRB0, VRB1, VRB2
0.1
μF
xINx
YGIN0, YGIN1
CRIN0, CRIN1
CBIN0, CBIN1
Terminal
resistor
0.068
μF
3.3k
Ω
0.0039
μF
CHRGPMP
CBOUT0-3
5pF


유사한 부품 번호 - LC74950BG

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC74900 SANYO-LC74900 Datasheet
188Kb / 14P
   CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749403BG SANYO-LC749403BG Datasheet
230Kb / 13P
   Silicon gate LCD Picture Quality Improvement IC
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
More results

유사한 설명 - LC74950BG

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC74900 SANYO-LC74900 Datasheet
188Kb / 14P
   CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
LC074146LP SANYO-LC074146LP Datasheet
529Kb / 31P
   CMOS IC Monaural CODECAudio I/F Video driver IC
logo
NEC
UPD6700 NEC-UPD6700 Datasheet
384Kb / 12P
   FIP STATIC DISPLAY DRIVER CMOS LSI
logo
ON Semiconductor
LC898301AXA ONSEMI-LC898301AXA Datasheet
160Kb / 12P
   Liner Vibrator Driver IC CMOS LSI
May, 2022 - Rev. 4
logo
Sanyo Semicon Device
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
logo
Nippon Precision Circui...
CF5750A NPC-CF5750A Datasheet
113Kb / 4P
   Analog Clock CMOS IC
CF5741AA NPC-CF5741AA Datasheet
56Kb / 7P
   Analog Clock CMOS IC
CF5732EA NPC-CF5732EA Datasheet
42Kb / 6P
   Analog clock CMOS IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com