전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FW513 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 FW513
상세설명  MOSFET : N-Channel Silicon MOSFET FRD : Ultrahigh-Speed Switching Diode Switching Device Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW513 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  FW513 Datasheet HTML 1Page - Sanyo Semicon Device FW513 Datasheet HTML 2Page - Sanyo Semicon Device FW513 Datasheet HTML 3Page - Sanyo Semicon Device FW513 Datasheet HTML 4Page - Sanyo Semicon Device FW513 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FW513
No. A1870-1/5
Features
FET RDS(on)=5.8Ω (typ.), 10V drive
FRD VF=1.1V (typ.), trr=40ns (typ.)
Nch MOSFET+FRD
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
[MOSFET]
Drain-to-Source Voltage
VDSS
600
V
Gate-to-Source Voltage
VGSS
±30
V
Drain Current (DC)
ID
0.35
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
1.4
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (1000mm2×0.8mm) 1unit
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Continued on next page.
Package Dimensions
unit : mm (typ)
7005A-009
Ordering number : ENA1870
N1710PB TKIM TC-00002515
SANYO Semiconductors
DATA SHEET
FW513
MOSFET : N-Channel Silicon MOSFET
FRD : Ultrahigh-Speed Switching Diode
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: SOP8
• JEITA, JEDEC
: SC-87, SOT-96
• Minimum Packing Quantity : 1,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
W513
LOT No.
TL
1 : Anode
2 : No Contact
3 : Source
4 : Gate
5 : Drain
6 : Drain
7 : Cathode
8 : Cathode
SANYO : SOP8
5.0
0.2
0.1
0.43
1.27
14
5
8
876
5
123
4


유사한 부품 번호 - FW513

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
FW5-120X120T2900 KEMET-FW5-120X120T2900 Datasheet
220Kb / 1P
   KEMET, FW5, Flex Suppressors, Noise Suppression
3/09/2023
FW5-240X240T2900 KEMET-FW5-240X240T2900 Datasheet
220Kb / 1P
   KEMET, FW5, Flex Suppressors, Noise Suppression
3/09/2023
FW5-240X80T2900 KEMET-FW5-240X80T2900 Datasheet
217Kb / 1P
   KEMET, FW5, Flex Suppressors, Noise Suppression
3/09/2023
FW5-80X80T2900 KEMET-FW5-80X80T2900 Datasheet
220Kb / 1P
   KEMET, FW5, Flex Suppressors, Noise Suppression
3/09/2023
logo
List of Unclassifed Man...
FW50 ETC1-FW50 Datasheet
57Kb / 1P
   50 Watt AC Adapter
More results

유사한 설명 - FW513

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
ECH8401 SANYO-ECH8401 Datasheet
45Kb / 4P
   N-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
FW250 SANYO-FW250 Datasheet
30Kb / 4P
   N-Channl Silicon MOSFET Ultrahigh-Speed Switching Applications
CPH3318 SANYO-CPH3318 Datasheet
46Kb / 4P
   P-Channel Silicon MOSFET(Ultrahigh-Speed Switching Applications)
3LP02M SANYO-3LP02M Datasheet
56Kb / 4P
   P-Channel Silicon MOSFET (Ultrahigh-Speed Switching Applications)
5LP01N SANYO-5LP01N Datasheet
44Kb / 4P
   P-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com