전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC876678B 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LC876678B
상세설명  8-Bit Single-Chip Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC876678B 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LC876678B Datasheet HTML 1Page - Sanyo Semicon Device LC876678B Datasheet HTML 2Page - Sanyo Semicon Device LC876678B Datasheet HTML 3Page - Sanyo Semicon Device LC876678B Datasheet HTML 4Page - Sanyo Semicon Device LC876678B Datasheet HTML 5Page - Sanyo Semicon Device LC876678B Datasheet HTML 6Page - Sanyo Semicon Device LC876678B Datasheet HTML 7Page - Sanyo Semicon Device LC876678B Datasheet HTML 8Page - Sanyo Semicon Device LC876678B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
11901 RM (IM) SK No.6843-1/23
Ver.1.01
51000
Preliminary
Overview
The LC876694B/LC876678B/LC876662B are 8 bit single chip microcontrollers with the following on-chip functional
blocks :
- CPU: operable at a minimum bus cycle time of 100ns
- On-chip ROM Maximum Capacity :
LC876694B
96K bytes
LC876678B
80K bytes
LC876662B
64K bytes
- On-chip RAM: 2048 bytes
- VFD automatic display controller / driver
- 16 bit timer / counter (can be divided into two 8 bit timers)
- 16 bit timer / PWM (can be divided into two 8 bit timers)
- timer for use as date / time clock
- High speed clock counter
- System clock divider function
- synchronous serial I/O port (with automatic block transmit / receive function)
- asynchronous / synchronous serial I/O port
- 12-channel
× 8-bit AD converter
- Weak signal detector
- 15-source 10-vectored interrupt system
All of the above functions are fabricated on a single chip.
Features
(1) Read-Only Memory (ROM): LC876694B
98304
× 8 bits
LC876678B
81920
× 8 bits
LC876662B
65536
× 8 bits
(2) Random Access Memory (RAM): LC876694B/78B/62B
2048
× 9 bits
(3) Minimum Bus Cycle Time: 100ns (10MHz)
Note: The bus cycle time indicates ROM read time.
(4) Minimum Instruction Cycle Time: 300ns (10MHz)
8-Bit Single-Chip Microcontroller
LC876694B/78B/62B
Ordering number : ENN*6843
CMOS IC


유사한 부품 번호 - LC876678B

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC876696A SANYO-LC876696A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
LC8766B2A SANYO-LC8766B2A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
More results

유사한 설명 - LC876678B

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com