전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC8905V 데이터시트(PDF) 8 Page - Sanyo Semicon Device

부품명 LC8905V
상세설명  Digital Audio Interface Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8905V 데이터시트(HTML) 8 Page - Sanyo Semicon Device

Back Button LC8905V Datasheet HTML 4Page - Sanyo Semicon Device LC8905V Datasheet HTML 5Page - Sanyo Semicon Device LC8905V Datasheet HTML 6Page - Sanyo Semicon Device LC8905V Datasheet HTML 7Page - Sanyo Semicon Device LC8905V Datasheet HTML 8Page - Sanyo Semicon Device LC8905V Datasheet HTML 9Page - Sanyo Semicon Device LC8905V Datasheet HTML 10Page - Sanyo Semicon Device LC8905V Datasheet HTML 11Page - Sanyo Semicon Device LC8905V Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Functions
1. Data Input and Output (DIN1, DIN2, E/DOUT)
The DIN1 pin has a built-in amplifier, and can receive signals with an amplitude of about 400 mVp-p (coaxial input).
The DIN2 pin is only for use with optical modules.
Note that although the data input pins are controlled by the microprocessor, DIN1 can be selected when a
microprocessor is not used. The microprocessor interface pins must be tied low in such applications.
The E/DOUT normally outputs channel status information. However, it can be set to output either the input bi-phase
data or the validity flag by command codes from the microprocessor.
2. PLL (R, VIN, VCO, AVOCK)
This circuit includes a built-in VCO and supports sampling frequencies of 32, 44.1, and 48 kHz.
The resistor connected to R functions as both the VCO gain control and as temperature compensation. The VIN pin
sets the VCO free-running frequency.
The PLL circuit can be reset within a fixed period when it operates incorrectly, for example, if a lock pull-in failure
occurs, by inputting an asynchronous, continuously operating clock signal to the AVOCK pin.
3. Clock Settings and Output (FS128, BCK, LRCK, DATAOUT, CKSEL, CKOUT)
A 128fs clock signal is output from the FS128 pin. Figure 1 shows the output timing for the BCK, LRCK, and
DATAOUT pins.
The CKOUT clock output is set by the CKSEL pin as listed in the table below.
The microprocessor interface format is also set by CKSEL as listed in the table below.
No. 5237-8/16
LC8905V
CKSEL
CKOUT
L
384fs clock output
H
512fs clock output
CKSEL
Microprocessor interface
L
Figure 2
H
Figure 3


유사한 부품 번호 - LC8905V

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
ON Semiconductor
LC89052TA-E ONSEMI-LC89052TA-E Datasheet
229Kb / 42P
   Digital Audio Interface Receiver
May, 2013
logo
Sanyo Semicon Device
LC890561W SANYO-LC890561W Datasheet
362Kb / 47P
   CMOS IC Digital Audio Interface Receiver with Built-in Data Buffer Memory
More results

유사한 설명 - LC8905V

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com