전자부품 데이터시트 검색엔진 |
|
LC89515K 데이터시트(PDF) 2 Page - Sanyo Semicon Device |
|
LC89515K 데이터시트(HTML) 2 Page - Sanyo Semicon Device |
2 / 6 page System Block Diagram Pin Assignment Type: I: Input pin, O: Output pin, B: Bidirectional pin, P: Power supply pin, NC: No connection Note: Do not leave any of the VDD or VSS pins open. All of the VDD and VSS pins must be connected to ground or the power supply, respectively. No. 4272-2/6 LC89515K Pin No. Pin Type Pin No. Pin Type Pin No. Pin Type 1 VSS P 28 TEST2 I 55 HWR I 2 RA6 O 29 CSEL I 56 HRD I 3 RA7 O 30 LMSEL I 57 CMD I 4 RA8 O 31 VDD P 58 WAIT O 5 RA9 O 32 LRCK I 59 DTEN O 6 RA10 O 33 SDATA I 60 STEN O 7 RA11 O 34 BCK I 61 EOP O 8 RA12 O 35 C4LR I 62 RCS O 9 RA13 O 36 C2PO I 63 HDE O 10 RA14 O 37 MCK O 64 VSS P 11 RA15 O 38 D0 B 65 HD7 B 12 RWE O 39 D1 B 66 HD6 B 13 VSS P 40 D2 B 67 HD5 B 14 ROE O 41 VSS P 68 HD4 B 15 ERA B 42 D3 B 69 HD3 B 16 IO8 B 43 D4 B 70 HD2 B 17 IO7 B 44 D5 B 71 HD1 B 18 IO6 B 45 D6 B 72 HD0 B 19 IO5 B 46 D7 B 73 VDD P 20 IO4 B 47 RS I 74 SELDRQ I 21 IO3 B 48 RD I 75 RA0 O 22 IO2 B 49 WR I 76 RA1 O 23 IO1 B 40 CS I 77 RA2 O 24 VSS P 51 INT O 78 RA3 O 25 XTALCK I 52 VSS P 79 RA4 O 26 XTAL O 53 RESET I 80 RA5 O 27 TEST1 I 54 ENABLE I |
유사한 부품 번호 - LC89515K |
|
유사한 설명 - LC89515K |