전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC895196 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LC895196
상세설명  ATA-PI Compatible CD-ROM Decoder IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895196 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LC895196 Datasheet HTML 1Page - Sanyo Semicon Device LC895196 Datasheet HTML 2Page - Sanyo Semicon Device LC895196 Datasheet HTML 3Page - Sanyo Semicon Device LC895196 Datasheet HTML 4Page - Sanyo Semicon Device LC895196 Datasheet HTML 5Page - Sanyo Semicon Device LC895196 Datasheet HTML 6Page - Sanyo Semicon Device LC895196 Datasheet HTML 7Page - Sanyo Semicon Device LC895196 Datasheet HTML 8Page - Sanyo Semicon Device LC895196 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Allowable Operating Ranges at Ta = –30 to +70°C, VSS = 0 V
DC Characteristics at VSS = 0 V, VDD = 4.5 to 5.5 V, Ta = –30 to +70°C
Note: The applicable pins correspond to the following names.
[INPUT]
(1) ..........ATPINSEL, CSCTRL, SUA0 to SUA6, BCK, C2PO, LRCK, SDATA, SBSO, SCOR, WFCK, TEST0, TEST1
(2) ..........ZRESET, ZCS, ZRD, ZWR, CSEL
(3) ..........DA0 to DA2, ZCS1FX, ZCS3FX, ZDIOR, ZDIOW, ZDMACK, ZHRST
[OUTPUT]
(4) ..........RA0 to RA9, ZCAS0, ZCAS1, ZLWE, ZOE, ZRAS0, ZRAS1, ZUWE, DBCK, DLRCK, DSDATA, EXCK
(5) ..........MCK, MCK2, MCK3
(6) ..........ZRSTCPU, ZRSTIC
(7) ..........ZINT, ZINT1, ZSWAIT
(8) ..........DMARQ, HINTRQ
(9) ..........IORDY, ZIOCS16
[INPUT]
(10) ..........D0 to D7, IO0 to IO15
(11) ..........DD0 to DD15, ZDASP, ZPDIAG
* The XTAL0, XTALCK0, XTAL1, XTALCK1 pins are not included in the CD characteristics.
Recommended Example of Oscillator Circuit
No. 5737-2/12
LC895196
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
4.5
5.0
5.5
V
Input voltage range
VIN
0
VDD
V
Parameter
Symbol
Conditions
Ratings
Unit
Applicable pins (see below)
min
typ
max
Input high level voltage
VIH1
TTL compatible (1)
2.2
V
Input low level input
VIL1
0.8
V
Input high level voltage
VIH2
TTL compatible with pull-up resistor: (10)
2.2
V
Input low level input
VIL2
0.8
V
Input high level voltage
VIH3
TTL compatible Schmitt: (2), (3), (11)
2.4
V
Input low level input
VIL3
0.8
V
Output high level voltage
VOH1
IOH = –2 mA: (4), (10)
VDD – 2.1
V
Output low level voltage
VOL1
IOL = 2 mA: (4), (10)
0.4
V
Output high level voltage
VOH2
IOH = –8 mA: (5)
VDD – 2.1
V
Output: Low level voltage
VOL2
IOL = 8 mA: (5)
0.4
V
Output high level voltage
VOH3
IOH = –4 mA: (8), (11)
VDD – 2.1
V
Output low level voltage
VOL3
IOL = 24 mA: (8), (11)
0.4
V
Output low level voltage
VOL4
IOL = 2 mA: (9)
0.4
V
Output low level voltage
VOL5
IOL = 8 mA: (6), (7)
0.4
V
Input leakage current
IIL
VI = VSS, VDD: (1), (2), (3), (11)
–10
+10
µA
Output leakage current
IOZ
When high impedance output: (6), (8), (9), (11)
–10
+10
µA
Pull-up resistor
RUP
(7), (10)
40
80
160
k
R1 = 1 M
R2 = 47
C1 = 0
C2 = 47 pF
Ceramic oscillator frequency = 33.8688 MHz.
The 33.8688 MHz recommended example is for a 3
× overtone.
R1 = 1 M
R2 = 15
C1 = 0
C2 = 15 pF
Ceramic oscillator frequency (XTALCK0) = 50 MHz
Because the specific values are influenced by the circuit board,
confer with the oscillator manufacturer.


유사한 부품 번호 - LC895196

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC895196K SANYO-LC895196K Datasheet
144Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
More results

유사한 설명 - LC895196

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC895196K SANYO-LC895196K Datasheet
144Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
   CD-ROM DECODER
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
   CD-ROM DECODER
logo
Sanyo Semicon Device
LC895297 SANYO-LC895297 Datasheet
71Kb / 9P
   Full CAV 20 x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP
logo
Sony Corporation
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
   CD-ROM DECODER
CXD1808AQ SONY-CXD1808AQ Datasheet
1Mb / 53P
   CD-ROM DECODER
CXD1186CQ SONY-CXD1186CQ Datasheet
454Kb / 46P
   CD-ROM Decoder
CXD1804BR SONY-CXD1804BR Datasheet
813Kb / 103P
   CD-ROM Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com