전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK22C48 데이터시트(PDF) 7 Page - Cypress Semiconductor

부품명 STK22C48
상세설명  16-Kbit (2 K 횞 8) AutoStore??nvSRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK22C48 데이터시트(HTML) 7 Page - Cypress Semiconductor

Back Button STK22C48_11 Datasheet HTML 3Page - Cypress Semiconductor STK22C48_11 Datasheet HTML 4Page - Cypress Semiconductor STK22C48_11 Datasheet HTML 5Page - Cypress Semiconductor STK22C48_11 Datasheet HTML 6Page - Cypress Semiconductor STK22C48_11 Datasheet HTML 7Page - Cypress Semiconductor STK22C48_11 Datasheet HTML 8Page - Cypress Semiconductor STK22C48_11 Datasheet HTML 9Page - Cypress Semiconductor STK22C48_11 Datasheet HTML 10Page - Cypress Semiconductor STK22C48_11 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STK22C48
Document Number: 001-51000 Rev. *D
Page 7 of 17
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. These user guidelines are not tested.
Storage temperature ................................ –65
°C to +150 °C
Temperature under bias............................ –55
°C to +125 °C
Supply voltage on VCC relative to VSS............–0.5 V to 7.0 V
Voltage on input relative to VSS ........... –0.6 V to VCC + 0.5 V
Voltage on DQ0-7 or HSB .....................–0.5 V to Vcc + 0.5 V
Power dissipation ........................................................ 1.0 W
DC output current (1 output at a time, 1 s duration) .... 15 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0
°C to +70 °C
4.5 V to 5.5 V
Industrial
–40
°C to +85 °C
4.5 V to 5.5 V
DC Electrical Characteristics
Over the operating range (VCC = 4.5 V to 5.5 V) [3]
Parameter
Description
Test Conditions
Min
Max
Unit
ICC1
Average VCC current
tRC = 25 ns
tRC = 45 ns
Dependent on output loading and cycle rate.
Values obtained without output loads.
IOUT = 0 mA.
Commercial
85
65
mA
mA
Industrial
90
65
mA
mA
ICC2
Average VCC current during
STORE
All inputs Do Not Care, VCC = Max
Average current for duration tSTORE
–3
mA
ICC3
Average VCC current at
tRC = 200 ns, 5 V, 25 °C typical
WE > (VCC – 0.2 V). All other inputs cycling.
Dependent on output loading and cycle rate. Values obtained
without output loads.
–10
mA
ICC4
Average VCAP current during
AutoStore cycle
All inputs Do Not Care, VCC = Max
Average current for duration tSTORE
–2
mA
ISB1[4]
Average Vcc current
(Standby, cycling TTL input
levels)
tRC = 25 ns, CE > VIH
tRC = 45 ns, CE > VIH
Commercial
25
18
mA
mA
Industrial
26
19
mA
mA
ISB2[4]
VCC standby current
CE > (VCC – 0.2 V). All others VIN < 0.2 V or > (VCC – 0.2 V).
Standby current level after nonvolatile cycle is complete.
Inputs are static. f = 0 MHz.
–1.5
mA
IILK
Input leakage current
VCC = Max, VSS < VIN < VCC
–1
+1
μA
IOLK
Off state output leakage
current
VCC = Max, VSS < VIN < VCC, CE or OE > VIH or WE < VIL
–5
+5
μA
VIH
Input HIGH voltage
2.2
VCC + 0.5 V
VIL
Input LOW voltage
VSS – 0.5
0.8
V
VOH
Output HIGH voltage
IOUT = –4 mA except HSB
2.4
V
VOL
Output LOW voltage
IOUT = 8 mA except HSB
–0.4
V
VBL
Logic ‘0’ voltage on HSB output IOUT = 3 mA
0.4
V
VCAP
Storage capacitor
Between VCAP pin and Vss, 6 V rated. 68 µF –10%, +20%
nom.
61
220
µF
Data Retention and Endurance
Parameter
Description
Min
Unit
DATAR
Data retention
100
Years
NVC
Nonvolatile STORE operations
1,000
K
Notes
3. VCC reference levels throughout this data sheet refer to VCC if that is where the power supply connection is made, or VCAP if VCC is connected to ground.
4. CE > VIH does not produce standby current levels until any nonvolatile cycle in progress has timed out.
[+] Feedback


유사한 부품 번호 - STK22C48_11

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK22C48-N25 SIMTEK-STK22C48-N25 Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
STK22C48-N25I SIMTEK-STK22C48-N25I Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
STK22C48-N25ITR SIMTEK-STK22C48-N25ITR Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
STK22C48-N25TR SIMTEK-STK22C48-N25TR Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
STK22C48-N45 SIMTEK-STK22C48-N45 Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
More results

유사한 설명 - STK22C48_11

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
STK22C48 CYPRESS-STK22C48 Datasheet
514Kb / 14P
   16 Kbit (2K x 8) AutoStore nvSRAM
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_12 Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_11 Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA_12 Datasheet
834Kb / 19P
   256-Kbit (32 K 횞 8) nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14C256Q CYPRESS-CY14C256Q_12 Datasheet
1Mb / 32P
   256-Kbit (32 K 횞 8) SPI nvSRAM
CY14C512Q CYPRESS-CY14C512Q_12 Datasheet
1Mb / 32P
   512-Kbit (64 K 횞 8) SPI nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com