전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC895299L 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LC895299L
상세설명  48 x Speed ATAPI (IDE) CD-ROM Decoder with On-Chip Digital Servo System
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895299L 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LC895299L Datasheet HTML 1Page - Sanyo Semicon Device LC895299L Datasheet HTML 2Page - Sanyo Semicon Device LC895299L Datasheet HTML 3Page - Sanyo Semicon Device LC895299L Datasheet HTML 4Page - Sanyo Semicon Device LC895299L Datasheet HTML 5Page - Sanyo Semicon Device LC895299L Datasheet HTML 6Page - Sanyo Semicon Device LC895299L Datasheet HTML 7Page - Sanyo Semicon Device LC895299L Datasheet HTML 8Page - Sanyo Semicon Device LC895299L Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Ordering number : ENN6249A
13100TH (OT)/31599HA (OT) No. 6249-1/12
Overview
The LC895299W and LC895299L are CD-ROM drive
digital servo system ICs that integrate all signal-
processing functions after the RF head amplifier on a
single chip.
Functions
• Built-in digital servo and ATAPI (IDE) CD-ROM,
CD-DSP, CAV audio, and1-Mbit DRAM functions
Features
CD-DSP Block
• Supports full CAV operation at 48
× speed
• Assures stable data readout by performing frame sync
signal detection, protection, and interpolation.
• Demodulates the EFM signal to produce 8-bit symbol
data.
• Applies a CRC check to the subcode Q signal and then
outputs that signal via parallel I/O to the system
microprocessor.
• Performs unscrambling and deinterleaving operations to
rearrange the demodulated EFM signal in the stipulated
order.
• Detects and corrects error signals and processes flags
(C1: 2 errors, C2: 4 errors)
• References the C1 flags and the C2 error check result to
set the C2 flags and interpolates or mutes the signal
depending on the C2 flags.
• Provides two types of muting: zero-cross muting and
soft muting.
• Independent left and right channel digital attenuators
(8-bit resolution)
Provides two types of attenuation: direct attenuation and
soft attenuation.
• Bilingual support
• Built-in digital audio interface (supports both CLV and
CAV)
• Built-in digital deemphasis
• Built-in 8
× oversampling digital filters
• Built-in D/A converters
CD-ROM Decoder and ATAPI (IDE) Interface
Block
• Built-in ATAPI (IDE) interface
• The user can freely set the CD main channel, C2 flag,
and subcode areas in internal DRAM.
• Batch transfer function (Function for transferring the CD
main channel, C2 flag, or subcode data in a single
operation.)
• Multiple transfer function (Function for transferring
multiple blocks automatically in a single operation.)
• CAV audio functions
• Intelligent functions (auto buffering, auto decoding, and
CD-R functions)
• Subcode P to W buffering function (No ECC) and
CD-TEXT support
• Supports Ultra DMA MODE2, MODE1, and MODE0
• Built in 1-Mbit DRAM
LC895299W, 895299L
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
48
× Speed ATAPI (IDE) CD-ROM Decoder
with On-Chip Digital Servo System
CMOS IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


유사한 부품 번호 - LC895299L

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC895297 SANYO-LC895297 Datasheet
71Kb / 9P
   Full CAV 20 x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP
More results

유사한 설명 - LC895299L

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
logo
Winbond
W88113C WINBOND-W88113C Datasheet
573Kb / 47P
   ATAPI CD-ROM DECODER & CONTROLLER
W88111AF WINBOND-W88111AF Datasheet
466Kb / 64P
   ATAPI CD-ROM DECODER & CONTROLLER
logo
Sanyo Semicon Device
LC897194 SANYO-LC897194 Datasheet
84Kb / 11P
   CD-ROM Decoder with Built-In ATAPI (IDE) and DVD ECC Interfaces
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
   ATAPI I/F CD-ROM DECODER
logo
Sanyo Semicon Device
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
LC895994 SANYO-LC895994 Datasheet
65Kb / 7P
   CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
LC897127K SANYO-LC897127K Datasheet
79Kb / 14P
   SCSI CD-ROM Decoder with On-Chip DVD Interface
LA9247T SANYO-LA9247T Datasheet
83Kb / 6P
   CD-ROM Digital Servo RF IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com