전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC895925 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LC895925
상세설명  Signal Processing LSI for CD-R Drives
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895925 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LC895925 Datasheet HTML 1Page - Sanyo Semicon Device LC895925 Datasheet HTML 2Page - Sanyo Semicon Device LC895925 Datasheet HTML 3Page - Sanyo Semicon Device LC895925 Datasheet HTML 4Page - Sanyo Semicon Device LC895925 Datasheet HTML 5Page - Sanyo Semicon Device LC895925 Datasheet HTML 6Page - Sanyo Semicon Device LC895925 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pin Descriptions
No. 5784-4/7
LC895925
Type: I: Input pin, O: Output pin, B: Bidirectional pin, P: Power supply pin, N: No connection pin
Pin Number
Pin Name
Type
Description
1
VSS
P
2
Reserve0
B
Reserved for future expansion (leave open)
3
Reserve1
B
Reserved for future expansion (connect to ground)
4
Reserve2
B
Reserved for future expansion (connect to ground)
5
TEST1
I
Test pin (connect to VSS)
6
XTALCK0
I
Crystal oscillator circuit input pin (17.2872 to 69.1488 MHz)
7
XTAL0
O
Crystal oscillator circuit output pin
8
TEST2
I
Test pin (connect to VSS)
9
MCK
O
Master Clock output pin
10
TEST3
I
Test pin (connect to VSS)
11
XTALCK1
I
Crystal oscillator circuit input pin (20 MHz)
12
XTAL1
O
Crystal oscillator circuit output pin
13
TEST4
I
Test pin (connect to VSS)
14
VDD
P
15
VSS
P
16
CLV+ (MDP)
O
17
CLV(MDS)
O
CLV servo signal output pins
18
MON
O
19
FSW
O
20
VDD
P
21
VSS
P
22
PLLOUTIN
I
Wobble signal carrier clock input pin
23
ROUGH
I
Rough CLV servo wobble signal input pin
24
LOCKIN
I
CD decoder lock signal input pin
25
LOCK
O
CLV servo lock monitor pin
26
ERROR
O
ATIP parity error detection pin
27
ATIPSYNC
B
ATIP synchronization signal I/O pin
28
BIDATAI
I
Biphase data input pin
29
BICLKIN
I
Biphase data transfer clock input pin
30
VDD
P
31
IO0
B
32
IO1
B
33
IO2
B
34
IO3
B
35
IO4
B
Data signal pins for ROM encoder/decoder buffer RAM, with pull-up resistors
36
IO5
B
37
IO6
B
38
IO7
B
39
IO8
B
40
VDD
P
41
VSS
P
Continued on next page.


유사한 부품 번호 - LC895925

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC895926 SANYO-LC895926 Datasheet
68Kb / 7P
   CD-R Encoder/Decoder IC with Built-in SCSI Interface
More results

유사한 설명 - LC895925

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
MN662750CDK PANASONIC-MN662750CDK Datasheet
494Kb / 7P
   Signal processing LSI for CD-ROM Drives
MN662741RH PANASONIC-MN662741RH Datasheet
32Kb / 3P
   Signal Processing LSI for CD Players
MN662724RPE PANASONIC-MN662724RPE Datasheet
42Kb / 7P
   Signal Processing LSI for CD Players
logo
Samsung semiconductor
S5L9291 SAMSUNG-S5L9291 Datasheet
684Kb / 88P
   signal processing LSI for the CD
logo
Panasonic Semiconductor
MN662710RA PANASONIC-MN662710RA Datasheet
32Kb / 3P
   Signal Processing LSI for CD Players
MN662740RE PANASONIC-MN662740RE Datasheet
33Kb / 3P
   Signal Processing LSI for CD Players
MN6626 PANASONIC-MN6626 Datasheet
28Kb / 3P
   Signal Processing LSI for CD Players
MN662747RPH PANASONIC-MN662747RPH Datasheet
53Kb / 7P
   Signal Processing LSI for CD Players
logo
Samsung semiconductor
S5L9290X SAMSUNG-S5L9290X Datasheet
324Kb / 48P
   signal processing LSI for the CD
logo
Sanyo Semicon Device
LC89590 SANYO-LC89590 Datasheet
159Kb / 7P
   CD-R LSI
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com