전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC9949G 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LC9949G
상세설명  1/6 Optical Size EIA B/W Solid-State Image Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC9949G 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LC9949G Datasheet HTML 1Page - Sanyo Semicon Device LC9949G Datasheet HTML 2Page - Sanyo Semicon Device LC9949G Datasheet HTML 3Page - Sanyo Semicon Device LC9949G Datasheet HTML 4Page - Sanyo Semicon Device LC9949G Datasheet HTML 5Page - Sanyo Semicon Device LC9949G Datasheet HTML 6Page - Sanyo Semicon Device LC9949G Datasheet HTML 7Page - Sanyo Semicon Device LC9949G Datasheet HTML 8Page - Sanyo Semicon Device LC9949G Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Pin Assignment
Pin Functions
No. 5217-3/10
LC9949G
Pin No.
Symbol
Function
Pin No.
Symbol
Function
1
NSUB
N-substrate
20
NSUB
N-substrate
2
VPW
P-well
19
øS4
3
ø4
18
øS1
Storage area clock
4
ø3
Image clock
17
øS2
5
ø2
16
øS3
6
ø1
15
øH1
Horizontal clock
7
øR
Reset gate
14
øH2
8
VDD
Supply voltage
13
VOG
CCD output gate
9
VOUT
CCD output
12
VGG
Load gate
10
NSUB
N-substrate
11
NSUB
N-substrate


유사한 부품 번호 - LC9949G

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC9945 SANYO-LC9945 Datasheet
181Kb / 8P
   1/6 Inch Optical Size CCIR Black-and-White Solid-State Imaging Device
LC9946 SANYO-LC9946 Datasheet
181Kb / 8P
   1/6 Inch Optical Size EIA Black-and-White Solid-State Imaging Device?
LC9947G SANYO-LC9947G Datasheet
180Kb / 8P
   1/5 Inch Optical Size EIA Black-and-White Solid-State Imaging Device???
LC9948G SANYO-LC9948G Datasheet
115Kb / 10P
   1/5 Optical Size CCIR B/W Solid-State Image Sensor
More results

유사한 설명 - LC9949G

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC9948G SANYO-LC9948G Datasheet
115Kb / 10P
   1/5 Optical Size CCIR B/W Solid-State Image Sensor
LC9998G SANYO-LC9998G Datasheet
140Kb / 11P
   1/5 Optical Size PAL Color Solid-State Image Sensor
LC9946 SANYO-LC9946 Datasheet
181Kb / 8P
   1/6 Inch Optical Size EIA Black-and-White Solid-State Imaging Device?
logo
A1 PROs co., Ltd.
AI325 A1PROS-AI325 Datasheet
87Kb / 8P
   1/3 inch CCD Image Sensor for EIA B/W Camera
logo
Sony Corporation
ICX038BLA SONY-ICX038BLA Datasheet
374Kb / 17P
   1/2 inch CCD Image Sensor for EIA B/W Camera
ICX054AL SONY-ICX054AL Datasheet
341Kb / 17P
   1/3-inch CCD Image Sensor for EIA B/W Camera
ICX414AL SONY-ICX414AL Datasheet
278Kb / 30P
   Diagonal 8mm Progressive Scan CCD Solid-state Image Sensor with Square Pixel for EIA B/W Cameras
logo
Sanyo Semicon Device
LC9997G SANYO-LC9997G Datasheet
187Kb / 9P
   1/5 Inch Optical Size NTSC Color Solid-State Image Device?
logo
Sony Corporation
ICX058ALB SONY-ICX058ALB Datasheet
442Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Cameras?
logo
Sanyo Semicon Device
LC9947G SANYO-LC9947G Datasheet
180Kb / 8P
   1/5 Inch Optical Size EIA Black-and-White Solid-State Imaging Device???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com