전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MA4E1339_V9 데이터시트(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

부품명 MA4E1339_V9
부품 상세설명  Silicon Medium Barrier Schottky Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4E1339_V9 데이터시트(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4E1339_V9 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4E1339_V9 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4E1339_V9 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4E1339_V9 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4E1339_V9 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4E1339_V9 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4E1339_V9 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Silicon Medium Barrier Schottky Diodes
M/A-COM Products
Rev. V9
MA4E1339 Series
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• RF & Microwave Medium Barrier Silicon
20 V Schottky Diode
• Available as Single Diode, Series Pair or
Unconnected Pair Configurations.
• Low Profile Surface Mount Plastic Packages
• Lead Free (RoHS Compliant) Equivalents Avail-
able With 260 Deg. C Reflow Capability
Description and Applications
The MA4E1339 series is a silicon medium barrier
Schottky diode suitable for use in mixer, detector
and limiter circuits. These diodes are also usable in
anti-parallel, shunt power surge protection circuits
for 50
Ω and 75 Ω systems.
These parts are offered with Sn/Pb plating, as well
as with 100 % matte Sn plating on the RoHS compliant
part numbers.
The MA4E1339 Series of Schottky diodes is avail-
able in the SOT-23 ( case style 287 ), SOT-143
( case style 1068 ), SOT-323 ( case style 1146 ),
SOD 323 (case style 1141) and the SC-79 ( case
style 1279 ).
These packages are supplied on tape and reel for
automatic pick and place assembly and for surface
mount placement to circuit boards, as indicated by a
“T” to the P/N suffix.
These Silicon Medium Barrier, 20 V Schottky Diodes
are Useful in Detector, Limiter, Mixer, and Surge
Protection Applications for Operating Frequency
Bands from D.C. through 6 GHz.
Package Outlines
SOT-23 (287)
SOT-323 (1146)
SOT-143 (1068)
SOD-323 (1141)
SC-79 (1279)


유사한 부품 번호 - MA4E1339_V9

제조업체부품명데이터시트부품 상세설명
Tyco Electronics
Tyco Electronics
MA4E1339A-1141T MACOM-MA4E1339A-1141T Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1339A-1146T MACOM-MA4E1339A-1146T Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
MA4E1339A-1146T MA-COM-MA4E1339A-1146T Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
Tyco Electronics
Tyco Electronics
MA4E1339A-287T MACOM-MA4E1339A-287T Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
MA4E1339A-287T MA-COM-MA4E1339A-287T Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
More results

유사한 설명 - MA4E1339_V9

제조업체부품명데이터시트부품 상세설명
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
Tyco Electronics
Tyco Electronics
MA4E1339 MACOM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
MA4E1340 MA-COM-MA4E1340 Datasheet
145Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1339 MA-COM-MA4E1339_16 Datasheet
656Kb / 6P
   Silicon Medium Barrier Schottky Diodes
MA4E1338 MA-COM-MA4E1338 Datasheet
126Kb / 7P
   Silicon Medium Barrier Schottky Diodes
Tyco Electronics
Tyco Electronics
MA4E1338 MACOM-MA4E1338 Datasheet
123Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MACOM-MA4E1340 Datasheet
142Kb / 7P
   Silicon Medium Barrier Schottky Diodes
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
MA4E1340 MA-COM-MA4E1340_16 Datasheet
691Kb / 6P
   Silicon Medium Barrier Schottky Diodes
MA4E1338_V7 MA-COM-MA4E1338_V7 Datasheet
126Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1338 MA-COM-MA4E1338_16 Datasheet
691Kb / 6P
   Silicon Medium Barrier Schottky Diodes
More results


Html Pages

1  2  3  4  5  6  7 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz