전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MA4E1339_V9 데이터시트(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

부품명 MA4E1339_V9
부품 상세설명  Silicon Medium Barrier Schottky Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4E1339_V9 데이터시트(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4E1339_V9 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4E1339_V9 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4E1339_V9 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4E1339_V9 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4E1339_V9 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4E1339_V9 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4E1339_V9 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Silicon Medium Barrier Schottky Diodes
M/A-COM Products
Rev. V9
MA4E1339 Series
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Maximum Ratings 25 °C (unless otherwise specified)
1
Electrical Specifications @ TA = +25 °C
1. Operation of this device above any one of the Maximum Rated parameters may cause permanent damage.
2. Please refer to Application Note M538 for surface mounting instructions.
3. ESD rating based on Human Body Model.
Parameter
Values
Operating Temperature
-55 to +125
Storage Temperature
-55 to +125
Total Power Dissipation (RF and D.C.)
250
Continuous Forward Current
30
Surge Forward Current, @ t<10 millisec
100
Soldering Temperature (Standard Part #)
+235 for 5 sec.
2
Unit
°C
°C
mW
mA
mA
°C
Soldering Temperature (RoHS Compliant Part #)
°C
+260 for 5 sec.
2
Reverse Voltage
V
20
Electrostatic Discharge ( ESD ) Classification
-
1A
Parameter
Condition
Symbol
Specification
Forward Voltage
IF = 1 mA
VF
410 mV max.
Delta Forward Current
IF = 1 mA
VF
20 mV max.
For series pair and unconnected pair
configurations
Forward Voltage
IF = 10 mA
VF
1.0 V max.
Total Capacitance
VR = 0 V
F = 1 MHz
CT
1.2 pF max.
Reverse Leakage Current
VR = 15 V
IR
200 nA max.
Reverse Voltage Breakdown
IR = 10 μA
VB
20 V min.


유사한 부품 번호 - MA4E1339_V9

제조업체부품명데이터시트부품 상세설명
Tyco Electronics
Tyco Electronics
MA4E1339A-1141T MACOM-MA4E1339A-1141T Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1339A-1146T MACOM-MA4E1339A-1146T Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
MA4E1339A-1146T MA-COM-MA4E1339A-1146T Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
Tyco Electronics
Tyco Electronics
MA4E1339A-287T MACOM-MA4E1339A-287T Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
MA4E1339A-287T MA-COM-MA4E1339A-287T Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
More results

유사한 설명 - MA4E1339_V9

제조업체부품명데이터시트부품 상세설명
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
Tyco Electronics
Tyco Electronics
MA4E1339 MACOM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
MA4E1340 MA-COM-MA4E1340 Datasheet
145Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1339 MA-COM-MA4E1339_16 Datasheet
656Kb / 6P
   Silicon Medium Barrier Schottky Diodes
MA4E1338 MA-COM-MA4E1338 Datasheet
126Kb / 7P
   Silicon Medium Barrier Schottky Diodes
Tyco Electronics
Tyco Electronics
MA4E1338 MACOM-MA4E1338 Datasheet
123Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MACOM-MA4E1340 Datasheet
142Kb / 7P
   Silicon Medium Barrier Schottky Diodes
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
MA4E1340 MA-COM-MA4E1340_16 Datasheet
691Kb / 6P
   Silicon Medium Barrier Schottky Diodes
MA4E1338_V7 MA-COM-MA4E1338_V7 Datasheet
126Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1338 MA-COM-MA4E1338_16 Datasheet
691Kb / 6P
   Silicon Medium Barrier Schottky Diodes
More results


Html Pages

1  2  3  4  5  6  7 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz