전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MA4E1339_V9 데이터시트(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

부품명 MA4E1339_V9
부품 상세설명  Silicon Medium Barrier Schottky Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4E1339_V9 데이터시트(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MA4E1339_V9 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4E1339_V9 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4E1339_V9 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4E1339_V9 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4E1339_V9 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4E1339_V9 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4E1339_V9 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Silicon Medium Barrier Schottky Diodes
M/A-COM Products
Rev. V9
MA4E1339 Series
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Circuit Models
SOT-23
SOT-143
SOT-323
SOD-323
LBW = 0.08nH, Lg = 0.36nh, L1 = 0.31nH, M = 0.12nH, C1 = 0.01pF,
Cp1 = 0.05pF, CP2 = 0.10pF, Cp3 = 0.05pF, Cp4 = 0.03pF
.65 nH
.65 nH
.7 nH
.05 pf
.01 pf
.13 pf
.13 pf
.01 pf
.05 pf
.013 pf
.015 pf
1
2
3
.47 nH
.05 p f
.02 pf
.2 p f
.47 n H
.0 2 p f
.2 p f
1
2
.6 nH
.6 nH
.6 nH
.05 pf
.06 pf
.04 pf
.04 pf
.06 pf
.05 pf
.06 pf
.04 pf
1
2
3
C1
C1
C1
C1
C1
Cp1
C1
C1
Cp2
Cp3
Cp4
1
2
4
3
7
LBW
6
8
5
LBW
Lg
MM
L1
L1
L1


유사한 부품 번호 - MA4E1339_V9

제조업체부품명데이터시트부품 상세설명
Tyco Electronics
Tyco Electronics
MA4E1339A-1141T MACOM-MA4E1339A-1141T Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1339A-1146T MACOM-MA4E1339A-1146T Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
MA4E1339A-1146T MA-COM-MA4E1339A-1146T Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
Tyco Electronics
Tyco Electronics
MA4E1339A-287T MACOM-MA4E1339A-287T Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
MA4E1339A-287T MA-COM-MA4E1339A-287T Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
More results

유사한 설명 - MA4E1339_V9

제조업체부품명데이터시트부품 상세설명
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
Tyco Electronics
Tyco Electronics
MA4E1339 MACOM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
MA4E1340 MA-COM-MA4E1340 Datasheet
145Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1339 MA-COM-MA4E1339_16 Datasheet
656Kb / 6P
   Silicon Medium Barrier Schottky Diodes
MA4E1338 MA-COM-MA4E1338 Datasheet
126Kb / 7P
   Silicon Medium Barrier Schottky Diodes
Tyco Electronics
Tyco Electronics
MA4E1338 MACOM-MA4E1338 Datasheet
123Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MACOM-MA4E1340 Datasheet
142Kb / 7P
   Silicon Medium Barrier Schottky Diodes
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
MA4E1340 MA-COM-MA4E1340_16 Datasheet
691Kb / 6P
   Silicon Medium Barrier Schottky Diodes
MA4E1338_V7 MA-COM-MA4E1338_V7 Datasheet
126Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1338 MA-COM-MA4E1338_16 Datasheet
691Kb / 6P
   Silicon Medium Barrier Schottky Diodes
More results


Html Pages

1  2  3  4  5  6  7 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz