전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS56121 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS56121
상세설명  4.5-V to 14-V Input High-Current Synchronous Buck Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56121 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPS56121 Datasheet HTML 4Page - Texas Instruments TPS56121 Datasheet HTML 5Page - Texas Instruments TPS56121 Datasheet HTML 6Page - Texas Instruments TPS56121 Datasheet HTML 7Page - Texas Instruments TPS56121 Datasheet HTML 8Page - Texas Instruments TPS56121 Datasheet HTML 9Page - Texas Instruments TPS56121 Datasheet HTML 10Page - Texas Instruments TPS56121 Datasheet HTML 11Page - Texas Instruments TPS56121 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
70
72
74
76
78
80
82
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VVDD = 12 V
2.38
2.39
2.40
2.41
2.42
2.43
2.44
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VVDD = 12 V
9.6
9.7
9.8
9.9
10.0
10.1
10.2
10.3
10.4
10.5
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
725
750
775
800
825
850
875
900
925
950
975
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
3.5
4.0
4.5
5.0
5.5
6.0
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VVDD = 4.5 V
VVDD = 12 V
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VVDD = 4.5 V
VVDD = 12 V
TPS56121
SLUSAH4
– MARCH 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 7. Shutdown Current vs. Junction Temperature
Figure 8. Quiescent Current vs. Junction Temperature
Figure 9. Soft-Start Source vs. Junction Temperature
Figure 10. Soft-Start Voltage Level vs. Junction
Temperature
Figure 11. High-Side On Resistance vs. Junction
Figure 12. Low-Side On Resistance vs. Junction
Temperature
Temperature
8
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS56121


유사한 부품 번호 - TPS56121

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS56121 TI1-TPS56121 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
TPS56121DQPR TI1-TPS56121DQPR Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
TPS56121DQPR TI1-TPS56121DQPR Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
TPS56121DQPT TI1-TPS56121DQPT Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
More results

유사한 설명 - TPS56121

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS56121 TI1-TPS56121_14 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56221 TI1-TPS56221 Datasheet
661Kb / 25P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121_17 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
TPS56121 TI-TPS56121_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS56121 4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56221 TI-TPS56221_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS56221 4.5-V to 14-V Input, High-Current, Synchronous Buck Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS65253 TI1-TPS65253 Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com