전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS56121 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS56121
상세설명  4.5-V to 14-V Input High-Current Synchronous Buck Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56121 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPS56121 Datasheet HTML 6Page - Texas Instruments TPS56121 Datasheet HTML 7Page - Texas Instruments TPS56121 Datasheet HTML 8Page - Texas Instruments TPS56121 Datasheet HTML 9Page - Texas Instruments TPS56121 Datasheet HTML 10Page - Texas Instruments TPS56121 Datasheet HTML 11Page - Texas Instruments TPS56121 Datasheet HTML 12Page - Texas Instruments TPS56121 Datasheet HTML 13Page - Texas Instruments TPS56121 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
0
0.4
0.8
1.2
1.6
Time (ms)
2.0
Calibration
Time(1.9 ms)
0.7 V
1.3 V
V
SS_INT
V
EN/SS
TPS56121
SLUSAH4
– MARCH 2011
www.ti.com
APPLICATION INFORMATION
Introduction
The TPS56121 is a 15-A high performance synchronous buck converter with two integrated N-channel
NexFET
™ power MOSFETs. The device implements a voltage-mode control with voltage feed-forward
compensation that responds instantly to input voltage change. Pre-bias capability eliminates concerns about
damaging sensitive loads.
Voltage Reference
The 600-mV bandgap cell is internally connected to the non-inverting input of the error amplifier. The reference
voltage is trimmed with the error amplifier in a unity gain configuration to remove amplifier offset from the final
regulation voltage. The 1% tolerance on the reference voltage allows the user to design a very accurate power
supply.
Figure 19. Startup Sequence and Timing
Enable Functionality, Startup Sequence and Timing
After input power is applied, an internal 40-
μA current source begins to charge the soft-start capacitor connected
from EN/SS to GND. When the voltage across that capacitor increases to 0.7 V, it enables the internal BP
regulator followed by a calibration. Total calibration time is approximately 1.9 ms. See Figure 19. During the
calibration, the device performs the following two functions.
COMP Pin Impedance Sensing
The device samples the impedance at the COMP pin and determines the appropriate operating switching
frequency. If there is no resistor connected from the COMP pin to GND, the switching frequency is set to the
default value of 500 kHz. If a resistor of 40.2 k
Ω ± 10% is connected from the COMP pin to GND, the switching
frequency is set to 300 kHz. Alternatively, if a resistor of 13.3 K
± 10% is connected from the COMP pin to GND,
the switching frequency is set to 1 MHz.
After a 1.1-ms time period, the COMP pin is then brought low for 0.8 ms. This ensures that the feedback loop is
preconditioned at startup and no sudden output rise occurs at the output of the converter when it is allowed to
start switching.
Overcurrent Protection (OCP) setting
The device sources 10
μA (typical) to the resistor connected from the ILIM pin to GND. The voltage developed
across that resistor multiplied by a factor of 2 is then sampled and latched off internally as the OCP trip level for
the low-side FET until one cycles the input or toggles the EN/SS.
The voltage at EN/SS is internally clamped to 1.3 V before and/or during calibration to minimize the discharging
10
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS56121


유사한 부품 번호 - TPS56121

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS56121 TI1-TPS56121 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
TPS56121DQPR TI1-TPS56121DQPR Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
TPS56121DQPR TI1-TPS56121DQPR Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
TPS56121DQPT TI1-TPS56121DQPT Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
More results

유사한 설명 - TPS56121

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS56121 TI1-TPS56121_14 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56221 TI1-TPS56221 Datasheet
661Kb / 25P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121_17 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
TPS56121 TI-TPS56121_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS56121 4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56221 TI-TPS56221_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS56221 4.5-V to 14-V Input, High-Current, Synchronous Buck Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS65253 TI1-TPS65253 Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com