전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS56121DQPR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS56121DQPR
상세설명  4.5-V to 14-V Input High-Current Synchronous Buck Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56121DQPR 데이터시트(HTML) 3 Page - Texas Instruments

  TPS56121DQPR Datasheet HTML 1Page - Texas Instruments TPS56121DQPR Datasheet HTML 2Page - Texas Instruments TPS56121DQPR Datasheet HTML 3Page - Texas Instruments TPS56121DQPR Datasheet HTML 4Page - Texas Instruments TPS56121DQPR Datasheet HTML 5Page - Texas Instruments TPS56121DQPR Datasheet HTML 6Page - Texas Instruments TPS56121DQPR Datasheet HTML 7Page - Texas Instruments TPS56121DQPR Datasheet HTML 8Page - Texas Instruments TPS56121DQPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TPS56121
www.ti.com
SLUSAH4
– MARCH 2011
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VOLTAGE REFERENCE
TJ = 25°C, 4.5 V ≤ VVDD ≤ 14 V
597
600
603
VFB
FB input voltage
mV
–40°C ≤ TJ ≤ 125°C,
594
600
606
4.5 V
≤ VVDD ≤ 14 V
INPUT SUPPLY
VVDD
Input supply voltage range
4.5
14
V
IVDDSD
Shutdown supply current
VEN/SS = 0.2 V
80
120
µA
IVDDQ
Quiescent, non-switching
Let EN/SS float, VFB = 1 V
2.5
5.0
mA
VUVLO
UVLO ON Voltage
4.0
4.3
V
VUVLO(HYS)
UVLO hysteresis
500
700
mV
ENABLE/SOFT-START
VIH
High-level input voltage, EN/SS
0.55
0.70
1.00
V
VIL
Low-level input voltage, EN/SS
0.27
0.30
0.33
V
ISS
Soft-start source current
8
10
12
µA
Soft-start voltage level
– Start of
VSS
0.4
0.8
1.3
V
ramp
BP REGULATOR
VBP
Output voltage
IBP = 10 mA
6.2
6.5
6.8
V
Regulator dropout voltage, VVDD
VDO
IBP = 25 mA, VVDD = 4.5 V
70
125
mV
VBP
OSCILLATOR
RCOMP = 40.2 kΩ, 4.5 V ≤ VVDD ≤ 14 V
270
300
330
kHz
fSW
Switching Frequency
RCOMP = open, 4.5 V ≤ VVDD ≤ 14 V
450
500
550
kHz
RCOMP = 13.3 kΩ, 4.5 V ≤ VVDD ≤ 14 V
0.8
0.95
1.1
MHz
VRAMP
(1)
Ramp amplitude
VVDD/6.6
VVDD/6 VVDD/5.4
V
PWM
fsw = 300 kHz, VFB = 0 V,
93%
4.5 V
≤ VVDD ≤ 14 V
fsw = 500 kHz, VFB = 0 V,
DMAX
(1)
Maximum duty cycle
90%
4.5 V
≤ VVDD ≤ 14 V
fsw = 1 MHz, VFB = 0 V,
85%
4.5 V
≤ VVDD ≤ 14 V
tON(min)
(1)
Minimum controllable pulse width
100
ns
ERROR AMPLIFIER
GBWP (1)
Gain bandwidth product
10
24
MHz
AOL
(1)
Open loop gain
60
dB
Input bias current (current out of FB
IIB
VFB = 0.6 V
75
nA
pin)
IEAOP
Output source current
VFB = 0 V
1.5
mA
IEAOM
Output sink current
VFB = 1 V
1.5
mA
POWER GOOD
Feedback upper voltage limit for
VOV
655
675
700
mV
PGOOD
Feedback lower voltage limit for
VUV
500
525
550
PGOOD
VPGD-HYST
PGOOD hysteresis voltage at FB
30
45
RPGD
PGOOD pull down resistance
VFB = 0 V, IFB = 5 mA
30
70
Ω
550 mV
< VFB < 655 mV,
IPGDLK
PGOOD leakage current
10
20
µA
VPGOOD = 5 V
(1)
Ensured by design. Not production tested
Copyright
© 2011, Texas Instruments Incorporated
3
Product Folder Link(s) :TPS56121


유사한 부품 번호 - TPS56121DQPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS56121DQPR TI1-TPS56121DQPR Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
TPS56121DQPR TI1-TPS56121DQPR Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
More results

유사한 설명 - TPS56121DQPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS56121 TI1-TPS56121_14 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56221 TI1-TPS56221 Datasheet
661Kb / 25P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121_17 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
TPS56121 TI-TPS56121_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS56121 4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56221 TI-TPS56221_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS56221 4.5-V to 14-V Input, High-Current, Synchronous Buck Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS65253 TI1-TPS65253 Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com