전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM802105UMGR 데이터시트(PDF) 10 Page - Micrel Semiconductor

부품명 SM802105UMGR
상세설명  ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802105UMGR 데이터시트(HTML) 10 Page - Micrel Semiconductor

Back Button SM802105UMGR Datasheet HTML 3Page - Micrel Semiconductor SM802105UMGR Datasheet HTML 4Page - Micrel Semiconductor SM802105UMGR Datasheet HTML 5Page - Micrel Semiconductor SM802105UMGR Datasheet HTML 6Page - Micrel Semiconductor SM802105UMGR Datasheet HTML 7Page - Micrel Semiconductor SM802105UMGR Datasheet HTML 8Page - Micrel Semiconductor SM802105UMGR Datasheet HTML 9Page - Micrel Semiconductor SM802105UMGR Datasheet HTML 10Page - Micrel Semiconductor SM802105UMGR Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Micrel, Inc.
SM802105
April 2011
10
M9999-042111-A
hbwhelp@micrel.com or (408) 955-1690
Figure 4. LVPECL Output Load and Test Circuit
Figure 5. Crystal Input Interface


유사한 부품 번호 - SM802105UMGR

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM802101 MICREL-SM802101 Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMG MICREL-SM802101UMG Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMGR MICREL-SM802101UMGR Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802104 MICREL-SM802104 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104UMG MICREL-SM802104UMG Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results

유사한 설명 - SM802105UMGR

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM802128 MICREL-SM802128 Datasheet
267Kb / 12P
   ClockWorks課? 10GbE Octal 156.25MHz,312.5MHz, Ultra-Low Jitter, LVPECL
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
MX553BHA156M250 MICREL-MX553BHA156M250 Datasheet
1Mb / 4P
   Ultra-low Jitter 156.25MHz LVPECL XO
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802149 MICREL-SM802149 Datasheet
412Kb / 11P
   156.25MHz/312.5MHz and 78.125MHz/156.25MHz LVDS Clock Synthesizer
logo
Pericom Semiconductor C...
SN10GE156 PERICOM-SN10GE156 Datasheet
554Kb / 2P
   3.3V PECL Low Jitter 156.25MHz 10GbE XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com