전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB07-03N 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 SB07-03N
상세설명  30V, 700mA Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB07-03N 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  SB07-03N Datasheet HTML 1Page - Sanyo Semicon Device SB07-03N Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB07-03N
Ordering number : EN2980A
30V, 700mA Rectifier
Schottky Barrier Diode
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
61197GI (KOTO)/1269TA, TS No.2980-1/2
Applications
• High frequency rectification (switching regulators, converters, choppers).
Features
• Low forward voltage (VF max=0.55V).
• Fast reverse recovery time (trr max=10ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.
Absolute Maximum Ratings at Ta=25°C
unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse
VRSM
35
V
Surge Voltage
Average Output Current
IO
700
mA
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
5
A
Junction Temperature
Tj
–55 to +125
°C
Storage Temperature
Tstg
–55 to +125
°C
Electrical Characteristics at Ta=25°C
min
typ
max
unit
Reverse Voltage
VR
IR=300µA
30
V
Forward Voltage
VF
IF=700mA
0.55
V
Reverse Current
IR
VR=15V
80
µA
Interterminal Capacitance
c
VR=10V, f=1MHz
26
pF
Reverse Recovery Time
trr
IF=IR=100mA,
10
ns
See specified Test Circuit.
Thermal Resistance
Rthj-a
165
°C/W
trr Test Circuit
Package Dimensions 1157A
(unit : mm)


유사한 부품 번호 - SB07-03N

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB07-03 SANYO-SB07-03 Datasheet
59Kb / 2P
   30V, 700mA Rectifier
SB07-03C SANYO-SB07-03C Datasheet
57Kb / 2P
   30V, 700mA Rectifier
SB07-03C SANYO-SB07-03C Datasheet
64Kb / 3P
   30V, 700mA Rectifier
SB07-03C SANYO-SB07-03C Datasheet
64Kb / 3P
   30V, 700mA Rectifier
SB07-03C SANYO-SB07-03C Datasheet
64Kb / 3P
   30V, 700mA Rectifier
More results

유사한 설명 - SB07-03N

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB07-03C SANYO-SB07-03C_07 Datasheet
64Kb / 3P
   30V, 700mA Rectifier
SB07-03C SANYO-SB07-03C Datasheet
57Kb / 2P
   30V, 700mA Rectifier
SB07-03P SANYO-SB07-03P_04 Datasheet
31Kb / 3P
   30V, 700mA Rectifier
SB07W03V SANYO-SB07W03V Datasheet
93Kb / 2P
   30V, 700mA Rectifier
SB07-03P SANYO-SB07-03P_12 Datasheet
425Kb / 6P
   30V, 700mA Rectifier
SB07-03P SANYO-SB07-03P Datasheet
59Kb / 2P
   30V, 700mA Rectifier
SB07W03P SANYO-SB07W03P Datasheet
54Kb / 2P
   30V, 700mA Rectifier
SB07-015C SANYO-SB07-015C Datasheet
51Kb / 2P
   15V, 700mA Rectifier
logo
ACE Technology Co., LTD...
ACE7430LA ACE-ACE7430LA Datasheet
189Kb / 3P
   30V, 1.5MHz, 700mA Step-Down Converter
VER 1.1
logo
Sanyo Semicon Device
FC810 SANYO-FC810 Datasheet
50Kb / 2P
   15V, 700mA Rectifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com