전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAC25-56J-RC 데이터시트(PDF) 1 Page - Allied Components International

부품명 SMAC25-56J-RC
상세설명  Surface Mount Air Core Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLIED [Allied Components International]
홈페이지  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

SMAC25-56J-RC 데이터시트(HTML) 1 Page - Allied Components International

  SMAC25-56J-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface Mount Air Core Inductors
SMAC25
100
135
135
130
135
135
125
120
120
115
125
4.2
4.0
4.8
4.4
5.6
6.2
8.2
9.4
12.3
17.3
3.0
3.5
3.0
3.0
3.0
3.0
2.5
2.5
1.7
1.5
Allied
Part
Number
SMAC25-22( )-RC
SMAC25-27( )-RC
SMAC25-33( )-RC
SMAC25-39( )-RC
SMAC25-47( )-RC
SMAC25-56( )-RC
SMAC25-68( )-RC
SMAC25-82( )-RC
SMAC25-100( )-RC
SMAC25-120( )-RC
22
Q
Inductance
(nh)
Q
Typ.
DCR
Max.
(mΩ)
IDC
A
(Max.)
To complete part number insert tolerance designator: G=±2%, J=±5%, K=±10%
Nominal Footprint
Tinned Length
90°
Max.
Min.
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
0.190
(4.83)
0.15
(3.81)
0.165
(4.20)
0.06±0.015
(1.53±0.39)
0.17±0.015
(4.32±0.39)
Dimensions:
Inches
(mm)
150
150
150
150
150
150
150
150
150
150
Test
Freq.
(MHz)
3.2
2.7
2.5
2.1
2.1
1.5
1.5
1.3
1.2
1.1
SRF
Min.
(GHz)
0.103
(2.62)
0.203
(5.16)
0.058
(1.48)
0.112
(2.85)
All specifications subject to change without notice.
Min.
REVISED 03/16/10
27
100
33
100
39
100
47
100
56
100
68
100
82
100
100
100
120
100
Features
• High SRF’s for high frequency applications
Flat top cap for pick and place assembly
• High current capability
• Excellent for high Q applications
Electrical
Impedance range: 22nH to 120nH
Tolerance: Available in 2%, 5% & 10%
Operating Temp: -40ºC to +125ºC
Test Frequency: 150Mhz
Test Equipment
(SRF): HP8753E
(L/Q): HP4291B with HP16193
Physical
Packaging: 1000 pieces per 13” reel
Marking: None
Peak Solder Temp: 260+0/-10ºC, 5 sec. max.


유사한 부품 번호 - SMAC25-56J-RC

제조업체부품명데이터시트상세설명
logo
Allied Components Inter...
SMAC25-56NJ-RC ALLIED-SMAC25-56NJ-RC Datasheet
669Kb / 1P
   Surface Mount Air Core Inductors
More results

유사한 설명 - SMAC25-56J-RC

제조업체부품명데이터시트상세설명
logo
Allied Components Inter...
SMAC20-1-RC ALLIED-SMAC20-1-RC Datasheet
299Kb / 1P
   Surface Mount Air Core Inductors
SMAC25 ALLIED-SMAC25 Datasheet
662Kb / 1P
   Surface Mount Air Core Inductors
SMAC25-22NJ-RC ALLIED-SMAC25-22NJ-RC Datasheet
669Kb / 1P
   Surface Mount Air Core Inductors
SMAC20-1K-RC ALLIED-SMAC20-1K-RC Datasheet
398Kb / 1P
   Surface Mount Air Core Inductors
SMAC10-15 ALLIED-SMAC10-15 Datasheet
408Kb / 1P
   Surface Mount Air Core Inductors
SMAC10-2-RC ALLIED-SMAC10-2-RC Datasheet
316Kb / 1P
   Surface Mount Air Core Inductors
SMAC20-30 ALLIED-SMAC20-30 Datasheet
398Kb / 1P
   Surface Mount Air Core Inductors
SMAC10-2K-RC ALLIED-SMAC10-2K-RC Datasheet
400Kb / 1P
   Surface Mount Air Core Inductors
SMAC60 ALLIED-SMAC60 Datasheet
1Mb / 1P
   Surface Mount Air Core Inductor
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com