전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB160-05R 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 SB160-05R
상세설명  50V, 16A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB160-05R 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  SB160-05R Datasheet HTML 1Page - Sanyo Semicon Device SB160-05R Datasheet HTML 2Page - Sanyo Semicon Device SB160-05R Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB160-05R
No.2504-2/3


유사한 부품 번호 - SB160-05R

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB160-05H SANYO-SB160-05H Datasheet
79Kb / 3P
   50V, 16A Rectifier
More results

유사한 설명 - SB160-05R

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB160-05H SANYO-SB160-05H Datasheet
79Kb / 3P
   50V, 16A Rectifier
logo
Frontier Electronics.
SF1605FCT FRONTIER-SF1605FCT Datasheet
1Mb / 2P
   16A SUPER FAST RECOVERY RECTIFIER 50V-600V
logo
Taiwan Semiconductor Co...
SFS1601GH TSC-SFS1601GH Datasheet
590Kb / 6P
   16A, 50V - 600V Super Fast Surface Mount Rectifier
logo
Taiwan Memory Technolog...
GP1601 TMT-GP1601_16 Datasheet
210Kb / 4P
   16A, 50V - 1000V Glass Passivated Rectifiers
logo
Digitron Semiconductors
MUR1605CT DIGITRON-MUR1605CT Datasheet
114Kb / 2P
   16A SCHOTTKY RECTIFIER
logo
Sanyo Semicon Device
SB160-09R SANYO-SB160-09R Datasheet
80Kb / 3P
   90V, 16A Rectifier
SBA160-04R SANYO-SBA160-04R Datasheet
81Kb / 3P
   40V, 16A Rectifier
SB160-09 SANYO-SB160-09 Datasheet
78Kb / 3P
   90V, 16A Rectifier
SB160-18 SANYO-SB160-18 Datasheet
80Kb / 3P
   180V, 16A Rectifier
SBA160-09R SANYO-SBA160-09R Datasheet
83Kb / 3P
   90V, 16A Rectifier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com