전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB20-03E 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 SB20-03E
상세설명  30V, 2A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB20-03E 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  SB20-03E Datasheet HTML 1Page - Sanyo Semicon Device SB20-03E Datasheet HTML 2Page - Sanyo Semicon Device SB20-03E Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
43098HA (KT)/2079MO, TS No.3002-1/3
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Schottky Barrier Diode
30V, 2A Rectifier
Ordering number:EN3002
SB20-03E
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C
˚C
˚C
Package Dimensions
unit:mm
1217
[SB20-03E]
trr Test Circuit
C:Cathode
A:Anode
SANYO:TO-126ML
Applications
· High frequency rectification (switching regulators,
converters, choppers).
Features
· Low forward voltage (VF max=0.55V).
· Fast reverse recovery time (trr max=20ns).
· Low switching noise.
· Low leakage current and high reliability due to
highly reliable planar structure.
50Hz, resistive load, Ta=113˚C
˚C/W
Unit (resistance:
Ω)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
RV
M
R
R
0
3V
e
g
a
t
l
o
V
e
g
r
u
S
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
r
n
o
NV
M
S
R
5
3V
t
n
e
r
r
u
C
t
u
p
t
u
O
e
g
a
r
e
v
AIO
2A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
0
2A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
+
o
t
5
5
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
IR
A
µ
0
0
5
=0
3V
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF A
2
=
5
5
.
0V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
5
1
=
0
0
1A
µ
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
IC
VR
z
H
M
1
=
f
,
V
0
1
=0
7F
p
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rr
r
tIF I
= R
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
p
e
s
e
e
S
,
A
m
0
0
1
=
0
2s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
Tc
-
j
h
t
RC
D
d
e
h
t
o
o
m
S
:
e
s
a
C
-
n
o
i
t
c
n
u
J7


유사한 부품 번호 - SB20-03E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB20-03B SANYO-SB20-03B Datasheet
78Kb / 3P
   30V, 2A Rectifier
SB20-03P SANYO-SB20-03P Datasheet
60Kb / 2P
   30V, 2A Rectifier
logo
ON Semiconductor
SB20-03P ONSEMI-SB20-03P Datasheet
317Kb / 6P
   Mini Buck Converter for RF Power Amplifiers
September, 2013
SB20-03P-TD-E ONSEMI-SB20-03P-TD-E Datasheet
317Kb / 6P
   Mini Buck Converter for RF Power Amplifiers
September, 2013
More results

유사한 설명 - SB20-03E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB20-03B SANYO-SB20-03B Datasheet
78Kb / 3P
   30V, 2A Rectifier
SB20-03P SANYO-SB20-03P Datasheet
60Kb / 2P
   30V, 2A Rectifier
SB20W03P SANYO-SB20W03P Datasheet
72Kb / 2P
   30V, 2A Rectifier
SB20W03T SANYO-SB20W03T Datasheet
82Kb / 3P
   30V, 2A Rectifier
SBE001 SANYO-SBE001 Datasheet
35Kb / 3P
   30V, 2A Rectifier
SB20W03V SANYO-SB20W03V Datasheet
72Kb / 2P
   30V, 2A Rectifier
SB20W03Z SANYO-SB20W03Z Datasheet
68Kb / 2P
   30V, 2A Rectifier
logo
Rohm
2SD2679 ROHM-2SD2679 Datasheet
101Kb / 3P
   2A / 30V Bipolar transistor
2SB1714 ROHM-2SB1714 Datasheet
102Kb / 3P
   -2A / -30V Bipolar transistor
2SC5875 ROHM-2SC5875 Datasheet
98Kb / 4P
   Power transistor (30V, 2A)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com