전자부품 데이터시트 검색엔진 |
|
LD1117E 데이터시트(PDF) 5 Page - Unisonic Technologies |
|
LD1117E 데이터시트(HTML) 5 Page - Unisonic Technologies |
5 / 13 page LD1117E LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 5 of 13 www.unisonic.com.tw QW-R102-040.A ELECTRICAL CHARACTERISTICS (Ta=25°C, refer to the test circuits, TJ=0 to 125°C, Co=10μF unless otherwise specified) For LD1117E-1.2 PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Output Voltage VOUT VIN=3.2V, IOUT=10mA, TJ=25°C 1.176 1.200 1.224 V Output Voltage VOUT VIN=2.7 to 8V IOUT=10~1000mA 1.176 1.200 1.224 V Line Regulation ΔVOUT VIN=2.7 to 8V, IOUT=0mA 1 6 mV Load Regulation ΔVOUT VIN=2.7 IOUT=10~1000mA 9 12 mV Temperature stability ΔVOUT 0.5 % Long Term Stability ΔVOUT 1000 hrs, TJ=125°C 0.3 % Operating Input Voltage VIN IOUT=100mA 15 V Quiescent Current IQ VIN≤10V 5 10 mA Current Limit ILIMIT VIN=6.2V, TJ=25°C 1000 mA Minimum Load Current IO(MIN) VIN=15V 2 5 mA Output Noise Voltage eN B=10Hz to 10KHz, TJ=25°C 100 μV Supply Voltage Rejection SVR IOUT=40mA, f=120Hz, TJ=25°C, VIN=4.2V, VRIPPLE=1Vpp 60 75 dB IOUT=100mA 1.00 1.10 IOUT=500mA 1.15 1.25 IOUT=800mA 1.20 1.30 Dropout Voltage VD IOUT=1A 1.20 1.30 V Thermal Regulation Ta=25°C, 30ms Pulse 0.01 0.10 %/W For LD1117E-1.5 PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Output Voltage VOUT VIN=3.5V, IOUT=10mA, TJ=25°C 1.470 1.500 1.530 V Output Voltage VOUT VIN=3 to 8V IOUT=10~1000mA 1.470 1.500 1.530 V Line Regulation ΔVOUT VIN=3 to 8V, IOUT=0mA 1 6 mV Load Regulation ΔVOUT VIN=3V IOUT=10~1000mA 12 15 mV Temperature stability ΔVOUT 0.5 % Long Term Stability ΔVOUT 1000 hrs, TJ=125°C 0.3 % Operating Input Voltage VIN IOUT=100mA 15 V Quiescent Current IQ VIN≤10V 5 10 mA Current Limit ILIMIT VIN=6.5V, TJ=25°C 1000 mA Output Noise Voltage eN B=10Hz to 10KHz, TJ=25°C 100 μV Supply Voltage Rejection SVR IOUT=40mA, f=120Hz, TJ=25°C, VIN=4.5V, VRIPPLE=1Vpp 60 75 dB IOUT=100mA 1.00 1.10 IOUT=500mA 1.15 1.25 IOUT=800mA 1.20 1.30 Dropout Voltage VD IOUT=1A 1.20 1.30 V Thermal Regulation Ta=25°C, 30ms Pulse 0.01 0.10 %/W |
유사한 부품 번호 - LD1117E |
|
유사한 설명 - LD1117E |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |