전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB250-05R 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 SB250-05R
상세설명  50V, 25A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB250-05R 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  SB250-05R Datasheet HTML 1Page - Sanyo Semicon Device SB250-05R Datasheet HTML 2Page - Sanyo Semicon Device SB250-05R Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB250-05R
No.2501-2/3


유사한 부품 번호 - SB250-05R

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB250-05H SANYO-SB250-05H Datasheet
79Kb / 3P
   50V, 25A Rectifier
More results

유사한 설명 - SB250-05R

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB250-05H SANYO-SB250-05H Datasheet
79Kb / 3P
   50V, 25A Rectifier
logo
Digitron Semiconductors
MBR2535CTL DIGITRON-MBR2535CTL Datasheet
445Kb / 2P
   25A SCHOTTKY RECTIFIER
logo
Sanyo Semicon Device
SBA250-04R SANYO-SBA250-04R Datasheet
82Kb / 3P
   40V, 25A Rectifier
logo
Won-Top Electronics
KBJ25A WTE-KBJ25A Datasheet
49Kb / 3P
   25A BRIDGE RECTIFIER
logo
Sanyo Semicon Device
SB250-09R SANYO-SB250-09R Datasheet
80Kb / 3P
   90V, 25A Rectifier
logo
Taiwan Semiconductor Co...
TS25P04G-K TSC-TS25P04G-K_16 Datasheet
207Kb / 4P
   25A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Sanyo Semicon Device
SB250-09 SANYO-SB250-09 Datasheet
79Kb / 3P
   90V, 25A Rectifier
SBA250-09R SANYO-SBA250-09R Datasheet
84Kb / 3P
   90V, 25A Rectifier
SBT250-06JS SANYO-SBT250-06JS Datasheet
55Kb / 3P
   60V, 25A Rectifier
logo
Digitron Semiconductors
MUR2505 DIGITRON-MUR2505 Datasheet
122Kb / 3P
   25A SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com