전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA08-600B 데이터시트(PDF) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

부품명 BTA08-600B
상세설명  8A TRIACs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
홈페이지  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

BTA08-600B 데이터시트(HTML) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  BTA08-600B Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd BTA08-600B Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd BTA08-600B Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd BTA08-600B Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd BTA08-600B Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image


유사한 부품 번호 - BTA08-600B

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BTA08-600B STMICROELECTRONICS-BTA08-600B Datasheet
189Kb / 4P
   TRIACS
logo
SemiWell Semiconductor
BTA08-600B SEMIWELL-BTA08-600B Datasheet
660Kb / 6P
   Bi-Directional Triode Thyristor
logo
STMicroelectronics
BTA08-600B STMICROELECTRONICS-BTA08-600B Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
logo
Tiger Electronic Co.,Lt...
BTA08-600B TGS-BTA08-600B Datasheet
93Kb / 1P
   8A TRIACS
logo
Kersemi Electronic Co.,...
BTA08-600B KERSEMI-BTA08-600B Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
More results

유사한 설명 - BTA08-600B

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
BTA08 UTC-BTA08_15 Datasheet
195Kb / 3P
   8A TRIACS
BTA08A UTC-BTA08A_15 Datasheet
200Kb / 4P
   8A TRIACS
BTB08A UTC-BTB08A Datasheet
187Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT8 JIEJIE-ACJT8 Datasheet
390Kb / 6P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
T810-600B TGS-T810-600B Datasheet
56Kb / 1P
   8A TRIACS
BTA08-600B TGS-BTA08-600B Datasheet
93Kb / 1P
   8A TRIACS
logo
Unisonic Technologies
BTA08A UTC-BTA08A Datasheet
170Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST08 JIEJIE-JST08 Datasheet
554Kb / 5P
   8A TRIACs
JST08I JIEJIE-JST08I Datasheet
562Kb / 5P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA08-600C TGS-BTA08-600C Datasheet
31Kb / 1P
   8A TRIACS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com