전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6751 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FAN6751
상세설명  Highly Integrated Green-Mode PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6751 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FAN6751 Datasheet HTML 1Page - Fairchild Semiconductor FAN6751 Datasheet HTML 2Page - Fairchild Semiconductor FAN6751 Datasheet HTML 3Page - Fairchild Semiconductor FAN6751 Datasheet HTML 4Page - Fairchild Semiconductor FAN6751 Datasheet HTML 5Page - Fairchild Semiconductor FAN6751 Datasheet HTML 6Page - Fairchild Semiconductor FAN6751 Datasheet HTML 7Page - Fairchild Semiconductor FAN6751 Datasheet HTML 8Page - Fairchild Semiconductor FAN6751 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AN-6073
APPLICATION NOTE
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 9/26/08
5
Figure 11. FAN6751HL Burst-mode Operation
Switching
Disabled
Switching
Disabled
Vds
Ids
VFB
VO
time
1.1
Switching
Disabled
Switching
Disabled
Figure 12. FAN6751MR Burst-Mode Operation
Built-in Slope Compensation
A flyback converter can be operated in either discontinuous
current mode (DCM) or continuous current mode (CCM).
There are many advantages when operating the converter in
CCM. With the same output power, a converter in CCM
exhibits a smaller peak inductor current than in DCM.
Therefore, a small-sized transformer and a low-rated
MOSFET can be applied. On the secondary side of the
transformer, the RMS output current of DCM can be twice
that of CCM. Larger wire gauge and output capacitors with
larger ripple current ratings are required. DCM operation
also results in a higher output voltage spike. A large LC
filter is added. Therefore, a flyback converter in CCM
achieves better performance with lower component cost.
Despite the above advantages of CCM operation, there is
one concern—stability. In CCM operation, the output power
is proportional to the average inductor current, while the
peak current remains controlled. This causes sub-harmonic
oscillation when the PWM duty cycle exceeds 50%. Adding
slope compensation (reducing the current-loop gain) is an
effective way to prevent oscillation. The FAN6751
introduces a synchronized positive-going ramp (VSLOPE) in
every switching cycle to stabilize the current loop.
Therefore, the FAN6751 can be used to design a cost-
effective, highly efficient, compact flyback power supply
operating in CCM without additional external components.
The positive ramp added is:
D
V
V
SL
SLOPE
=
(4)
where VSL = 0.33V and D = duty cycle.
Figure 13.
Synchronized Slope Compensation
Over-Power Compensation
The maximum output power of a flyback converter can
generally be designed by the current-sense resistor RS. When
the load increases, the peak inductor current increases
accordingly. As the current-sense signal of the SENSE pin
exceeds the internal limit VSENSE, 0.83V typically, as
VIN=1V, FAN6751 stops the PWM pulse immediately. The
output power of a flyback power supply in DCM is
calculated as follows:
η
=
S
PK
P
OUT
f
I
L
P
2
2
1
(5)
where:
Lp is the transformer primary-side inductance;
IPK is the peak inductor current;
fS is the PWM frequency; and
η is the conversion efficiency.


유사한 부품 번호 - FAN6751

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6751MRMY FAIRCHILD-FAN6751MRMY Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
More results

유사한 설명 - FAN6751

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com