전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB1111C-0005 데이터시트(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

부품명 SB1111C-0005
상세설명  Single Color Low Current Type (IF=5mA)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STANLEY [STANLEY ELECTRIC CO.,LTD.]
홈페이지  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SB1111C-0005 데이터시트(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  SB1111C-0005_11 Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005_11 Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005_11 Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005_11 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005_11 Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005_11 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005_11 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005_11 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005_11 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2010.12.01
Page 4
Single Color Low Current Type (I
F=5mA)
1111C Series
(Ta=25℃)
Electro-Optical Characteristics (SB,SG)
Conditions
YPY
FY
FA
FR
TYP.
1.95
1.93
1.88
1.85
MAX.
2.4
2.4
2.4
2.4
Reverse Current
VR=5V
IR
MAX.
100
100
100
100
μA
Peak Wavelength
IF=5mA
λp
TYP.
575
592
609
635
nm
Dominant Wavelength
IF=5mA
λd
TYP.
572
590
605
626
nm
Spectral Line Half
Width
IF=5mA
⊿λ
TYP.
15
15
15
15
nm
140(θx) 140(θx) 140(θx) 140(θx)
150(θy) 150(θy) 150(θy) 150(θy)
deg.
Half Intensity Angle
IF=5mA
2θ1/2
TYP.
VF
V
Ite m
Unit
Symbol
Forward Voltage
IF=5mA
Characteristics
(Ta=25℃)
Electro-Optical Characteristics (YPY,FY,FA,FR)
Conditions
SB
SG
TYP .
2.9
3.0
MAX .
3.2
3.2
Re ve rse Curre nt
VR =5V
IR
MAX .
100
100
μA
Pe a k Wa ve le ng th
IF =5mA
λp
T YP .
465
525
nm
Domina nt
Wa ve le ng th
IF =5mA
λd
T YP .
470
530
nm
Spe ctra l L ine Ha lf
Width
IF =5mA
⊿λ
TYP .
15
30
nm
150(θx ) 150(θx)
150(θy) 150(θy)
VF
V
Ite m
Unit
Symbol
F orward Voltage
IF =5mA
Characte ristics
de g .
Ha lf Inte nsity Ang le
IF =5mA
2θ1/2
T YP .
※θx:Product long side axis,θy:Product short side axis
※θx:Product long side axis,θy:Product short side axis
2011.01.12


유사한 부품 번호 - SB1111C-0005_11

제조업체부품명데이터시트상세설명
logo
STANLEY ELECTRIC CO.,LT...
SB1111C-0005 STANLEY-SB1111C-0005 Datasheet
392Kb / 27P
   Single Color Ultra High Brightness Type
SB1111C-0005 STANLEY-SB1111C-0005 Datasheet
432Kb / 24P
   Single Color Low Current Type
More results

유사한 설명 - SB1111C-0005_11

제조업체부품명데이터시트상세설명
logo
STANLEY ELECTRIC CO.,LT...
1111C STANLEY-1111C_10 Datasheet
432Kb / 24P
   Single Color Low Current Type
logo
Rohm
SMLE12WBC7W ROHM-SMLE12WBC7W Datasheet
109Kb / 3P
   Low Current Type(IF 10mA)
SML-311DTT86 ROHM-SML-311DTT86 Datasheet
106Kb / 3P
   Low Current Type(IF 10mA)
SML-311UTT86K ROHM-SML-311UTT86K Datasheet
113Kb / 3P
   Low Current Type(IF 10mA)
logo
Solid State Optronic
SYZ6070 SSOUSA-SYZ6070 Datasheet
232Kb / 8P
   Low Input Control Current (5mA MAX)
SYZ6060 SSOUSA-SYZ6060 Datasheet
232Kb / 8P
   Low Input Control Current (5mA MAX)
SYZ6040 SSOUSA-SYZ6040 Datasheet
232Kb / 8P
   Low Input Control Current (5mA MAX)
SMA4217 SSOUSA-SMA4217 Datasheet
313Kb / 8P
   Low Input Control Current (5mA MAX)
SYZ6080 SSOUSA-SYZ6080 Datasheet
232Kb / 8P
   Low Input Control Current (5mA MAX)
logo
Guangdong Youtai Semico...
UMW817C UMW-UMW817C Datasheet
2Mb / 4P
   Current Conversion Ratio (Min 50% Working Condition IF=5mA, VCE=5V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com