전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB1111C-0005 데이터시트(PDF) 8 Page - STANLEY ELECTRIC CO.,LTD.

부품명 SB1111C-0005
상세설명  Single Color Low Current Type (IF=5mA)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STANLEY [STANLEY ELECTRIC CO.,LTD.]
홈페이지  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SB1111C-0005 데이터시트(HTML) 8 Page - STANLEY ELECTRIC CO.,LTD.

Back Button SB1111C-0005 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
2010.12.01
Page 8
Single Color Low Current Type (I
F=5mA)
1111C Series
Ambient Temperature vs. Relative Intensity
Condition : I
F=5mA
Ambient Temperature : Ta(℃)
Derating
Ambient Temperature vs. Maximum Forward Current
Repetition Frequency : f ≧ 50Hz, Pulse Width tw≦1msec
Ambient Temperature : Ta(℃)
Technical Data (SB)
0
10
20
30
40
50
60
-40
10
60
110
Duty=5%
Duty=10%
Duty=20%
Duty=50%
DC
0.1
1.0
10.0
-40
-20
0
20
40
60
80
100
Ambient Temperature vs Forward Voltage
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
-40
-20
0
20
40
60
80
100
120
Ambient Temperature : Ta (℃)
Condition:IF=2~15mA
IF=10mA
IF=15mA
IF=2mA
IF=5mA
Ambient Temperature vs Dominant spectra
465
470
475
-40
-20
0
20
40
60
80
100
ambient Temperature : Ta (℃)
Condition:IF=5mA


유사한 부품 번호 - SB1111C-0005

제조업체부품명데이터시트상세설명
logo
STANLEY ELECTRIC CO.,LT...
SB1111C-0005 STANLEY-SB1111C-0005 Datasheet
392Kb / 27P
   Single Color Ultra High Brightness Type
SB1111C-0005 STANLEY-SB1111C-0005 Datasheet
432Kb / 24P
   Single Color Low Current Type
More results

유사한 설명 - SB1111C-0005

제조업체부품명데이터시트상세설명
logo
STANLEY ELECTRIC CO.,LT...
1111C STANLEY-1111C_10 Datasheet
432Kb / 24P
   Single Color Low Current Type
logo
Rohm
SMLE12WBC7W ROHM-SMLE12WBC7W Datasheet
109Kb / 3P
   Low Current Type(IF 10mA)
SML-311DTT86 ROHM-SML-311DTT86 Datasheet
106Kb / 3P
   Low Current Type(IF 10mA)
SML-311UTT86K ROHM-SML-311UTT86K Datasheet
113Kb / 3P
   Low Current Type(IF 10mA)
logo
Solid State Optronic
SYZ6070 SSOUSA-SYZ6070 Datasheet
232Kb / 8P
   Low Input Control Current (5mA MAX)
SYZ6060 SSOUSA-SYZ6060 Datasheet
232Kb / 8P
   Low Input Control Current (5mA MAX)
SYZ6040 SSOUSA-SYZ6040 Datasheet
232Kb / 8P
   Low Input Control Current (5mA MAX)
SMA4217 SSOUSA-SMA4217 Datasheet
313Kb / 8P
   Low Input Control Current (5mA MAX)
SYZ6080 SSOUSA-SYZ6080 Datasheet
232Kb / 8P
   Low Input Control Current (5mA MAX)
logo
Guangdong Youtai Semico...
UMW817C UMW-UMW817C Datasheet
2Mb / 4P
   Current Conversion Ratio (Min 50% Working Condition IF=5mA, VCE=5V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com