전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB380 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 SB380
상세설명  Power Switch (FPS?? FSL1x7 to Low- Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SB380 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button SB380 Datasheet HTML 4Page - Fairchild Semiconductor SB380 Datasheet HTML 5Page - Fairchild Semiconductor SB380 Datasheet HTML 6Page - Fairchild Semiconductor SB380 Datasheet HTML 7Page - Fairchild Semiconductor SB380 Datasheet HTML 8Page - Fairchild Semiconductor SB380 Datasheet HTML 9Page - Fairchild Semiconductor SB380 Datasheet HTML 10Page - Fairchild Semiconductor SB380 Datasheet HTML 11Page - Fairchild Semiconductor SB380 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AN-9719
APPLICATION NOTE
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 11/2/10
10
4. Printed Circuit Board Layout
High-frequency switching current / voltage makes printed
circuit board layout a very important design task. Good PCB
layout minimizes excessive EMI and helps the power supply
survive during surge/ESD tests.
4.1 Guidelines
To get better EMI performance and reduce line-frequency
ripple, the output of the bridge rectifier should be connected
to capacitor CDC first, then to the switching circuits.
The high-frequency current loop is in CDC – Transformer
– Drain pin – CDC. The area enclosed by this current loop
should be as small as possible. Keep the traces (especially
21 in Figure 17) short, direct, and wide. High-voltage
traces related the drain and RCD snubber should be kept
far away from control circuits to prevent unnecessary
interference.
As indicated by 2, the ground of control circuits should
be connected first, then route other traces.
As indicated by 3, the area enclosed by the transformer
auxiliary winding, DDD and CDD should also be kept
small. Place CDD close to the controller for good
decoupling.
GND231 are suggestions for ESD tests where the
earth ground is not available on the power supply. In the
ESD discharge path, the charge goes from the secondary,
through the transformer stray capacitance, to GND3,
then GND1, and back to mains. It should be noted that
control circuits should not be placed on the discharge
path. Point discharge for common-mode choke (see
Figure 17) can decrease high-frequency impedance and
increase ESD immunity.
Should a Y-cap between primary and secondary be
required, connect this Y-cap to the positive terminal of
CDC. If this Y-cap is connected to primary ground, it
should be connected to the negative terminal of CDC
(GND1) directly. Point discharge of this Y-cap also
helps for ESD. In addition, the creepage distance
between these two pointed ends should be at least 5mm
according to safety requirements.
Figure 17. Layout Considerations


유사한 부품 번호 - SB380

제조업체부품명데이터시트상세설명
logo
Nanjing International G...
SB380 DGNJDZ-SB380 Datasheet
248Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB380 PANJIT-SB380 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Galaxy Semi-Conductor H...
SB380 BILIN-SB380 Datasheet
120Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
DAESAN ELECTRONIC CORP.
SB380 DAESAN-SB380 Datasheet
295Kb / 2P
   CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
logo
Shenzhen Taychipst Elec...
SB380 TAYCHIPST-SB380 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - SB380

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA5S FAIRCHILD-KA5S_03 Datasheet
213Kb / 16P
   Power Switch(FPS)
KA1M0880D FAIRCHILD-KA1M0880D Datasheet
114Kb / 10P
   Power Switch(FPS)
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com