전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN100MY 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FAN100MY
상세설명  Primary-Side-Control PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN100MY 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FAN100MY Datasheet HTML 1Page - Fairchild Semiconductor FAN100MY Datasheet HTML 2Page - Fairchild Semiconductor FAN100MY Datasheet HTML 3Page - Fairchild Semiconductor FAN100MY Datasheet HTML 4Page - Fairchild Semiconductor FAN100MY Datasheet HTML 5Page - Fairchild Semiconductor FAN100MY Datasheet HTML 6Page - Fairchild Semiconductor FAN100MY Datasheet HTML 7Page - Fairchild Semiconductor FAN100MY Datasheet HTML 8Page - Fairchild Semiconductor FAN100MY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN100 Rev. 1.0.2
3
Marking Information
ZXYTT
FAN100
TPM
Figure 4. Top Mark
Pin Configuration
Figure 5. Pin Configuration
Pin Definitions
Pin #
Name
Description
1
CS
Current Sense
. This pin connects a current-sense resistor to sense the MOSFET current for
peak-current-mode control in CV mode and provides for output-current regulation in CC mode.
2
GND
Ground
.
3
COMI
Constant Current Loop Compensation
. this pin connects a capacitor and a resistor between
COMI and GND for compensation current loop gain.
4
COMV
Constant Voltage Loop Compensation
. this pin connects a capacitor and a resistor between
COMV and GND for compensation voltage loop gain.
5
VS
Voltage Sense
. This pin detects the output voltage information and discharge time based on
voltage of auxiliary winding. This pin connects two divider resistors and one capacitor.
6
GND
Ground
.
7
VDD
Supply
. The power supply pin. IC operating current and MOSFET driving current are supplied
using this pin. This pin is connected to an external VDD capacitor of typically 10µF. The
threshold voltages for startup and turn-off are 16V and 5V, respectively. The operating current
is lower than 5mA.
8
GATE
PWM Signal Output
. This pin outputs PWM signal and includes the internal totem-pole output
driver to drive the external power MOSFET. The clamped gate output voltage is 18V.
F
- Fairchild logo
Z- Plant Code
X- 1-Digit Year Code
Y- 1-Digit Week Code
TT: 2-Digit Die Run Code
T: Package Type (M=SOP)
P: Z: Pb free, Y: Green Package
M: Manufacture Flow Code
VS
GND
VDD
GATE
COMV
COMI
GND
CS


유사한 부품 번호 - FAN100MY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN100MY FAIRCHILD-FAN100MY Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
More results

유사한 설명 - FAN100MY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
SGP100 FAIRCHILD-SGP100 Datasheet
497Kb / 14P
   Primary-side-control PWM Controller
FAN102 FAIRCHILD-FAN102 Datasheet
959Kb / 14P
   Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102_09 Datasheet
974Kb / 16P
   Primary-Side-Control PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com