전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN1577A 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 FAN1577A
상세설명  Dual Synchronous DC/DC Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1577A 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN1577A Datasheet HTML 4Page - Fairchild Semiconductor FAN1577A Datasheet HTML 5Page - Fairchild Semiconductor FAN1577A Datasheet HTML 6Page - Fairchild Semiconductor FAN1577A Datasheet HTML 7Page - Fairchild Semiconductor FAN1577A Datasheet HTML 8Page - Fairchild Semiconductor FAN1577A Datasheet HTML 9Page - Fairchild Semiconductor FAN1577A Datasheet HTML 10Page - Fairchild Semiconductor FAN1577A Datasheet HTML 11Page - Fairchild Semiconductor FAN1577A Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN1577A • Rev. 1.0.0
8
Typical Performance Characteristics
Unless otherwise noted, values are for VCC=12V, TA=+25°C, CSS1/ENB=150nF, and CSS2/ENB=168nF.
Figure 13. Power On at 0.3A Load
Figure 14. Power On at 3.6A Load
Figure 15. Power On at 9A Load
Figure 16. Power On at 18A Load
Figure 17. Power Off with 0.3A Load
Figure 18. Power Off with 18A Load


유사한 부품 번호 - FAN1577A

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
FAN150AC115 HAMMOND-FAN150AC115 Datasheet
68Kb / 1P
   VENTILATEURS AXIAUX A ENVELOPPE
FAN150AC115 HAMMOND-FAN150AC115 Datasheet
185Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
FAN150AC230 HAMMOND-FAN150AC230 Datasheet
68Kb / 1P
   VENTILATEURS AXIAUX A ENVELOPPE
FAN150AC230 HAMMOND-FAN150AC230 Datasheet
194Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
More results

유사한 설명 - FAN1577A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_12 Datasheet
848Kb / 14P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577 Datasheet
653Kb / 14P
   Dual Synchronous DC/DC Controller
SG1577A FAIRCHILD-SG1577A Datasheet
582Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_10 Datasheet
863Kb / 15P
   Dual Synchronous DC/DC Controller
logo
Rohm
BD9011EKN ROHM-BD9011EKN Datasheet
442Kb / 6P
   Dual Synchronous DC/DC converter controller
BD9011KV ROHM-BD9011KV Datasheet
448Kb / 6P
   Dual Synchronous DC/DC converter controller
BD9040FV ROHM-BD9040FV Datasheet
356Kb / 6P
   Dual Synchronous DC/DC converter controller
BD9045FV ROHM-BD9045FV Datasheet
379Kb / 6P
   Dual Synchronous DC/DC converter controller
logo
Semtech Corporation
SC1189 SEMTECH-SC1189_05 Datasheet
275Kb / 16P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com