전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSW3801C 데이터시트(PDF) 9 Page - STANLEY ELECTRIC CO.,LTD.

부품명 GSW3801C
상세설명  ?3 Flush Mount Type LED
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STANLEY [STANLEY ELECTRIC CO.,LTD.]
홈페이지  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

GSW3801C 데이터시트(HTML) 9 Page - STANLEY ELECTRIC CO.,LTD.

Back Button GSW3801C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
φ3 Flush Mount Type LED
G□□3801C
2010.3.10
Page 9
0
2
4
6
8
10
2.0
2.5
3.0
3.5
4.0
0%
20%
40%
60%
80%
100%
400
450
500
550
600
650
700
750
0.0
0.5
1.0
1.5
2.0
0
2
4
6
8
10
Technical Data (GSW)
Spatial Distribution Example
Forward Voltage vs. Forward Current
Condition : Ta = 25℃
Forward Voltage V
F(V)
Forward Current vs. Relative Intensity
Condition : Ta = 25℃
Forward Current I
F(mA)
Spectral Distribution
Relative Intensity vs. Wavelength
Condition : Ta = 25℃, I
F = 5mA
Wavelength [nm]
Condition : Ta = 25℃, I
F = 5mA


유사한 부품 번호 - GSW3801C

제조업체부품명데이터시트상세설명
logo
STANLEY ELECTRIC CO.,LT...
GSW3809X STANLEY-GSW3809X Datasheet
473Kb / 18P
   ?3 Flush Mount Type LED
More results

유사한 설명 - GSW3801C

제조업체부품명데이터시트상세설명
logo
STANLEY ELECTRIC CO.,LT...
GSW3809X STANLEY-GSW3809X Datasheet
473Kb / 18P
   ?3 Flush Mount Type LED
GLW3809X STANLEY-GLW3809X Datasheet
240Kb / 13P
   3 Flush Mount Type White LED
UW3804X STANLEY-UW3804X Datasheet
188Kb / 13P
   3 Flush Mount Type White LED
GLW5809C STANLEY-GLW5809C Datasheet
243Kb / 13P
   3 X 5 Flush Mount Type White LED
UW5805S STANLEY-UW5805S Datasheet
184Kb / 13P
   Flush Mount Type White LED
UW3803X STANLEY-UW3803X Datasheet
181Kb / 13P
   Flush Mount Type White LED
UW5806X STANLEY-UW5806X Datasheet
187Kb / 13P
   5 Flush Mount Type White LED
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
UB3803X STANLEY-UB3803X Datasheet
316Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com